Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FYCL-S19AR2G4-03 Datasheet(PDF) 2 Page - Ningbo Foryard Optoelectronics Co., Ltd.

Part # FYCL-S19AR2G4-03
Description  LED Lamps
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORYARD [Ningbo Foryard Optoelectronics Co., Ltd.]
Direct Link  http://www.foryard.com
Logo FORYARD - Ningbo Foryard Optoelectronics Co., Ltd.

FYCL-S19AR2G4-03 Datasheet(HTML) 2 Page - Ningbo Foryard Optoelectronics Co., Ltd.

  FYCL-S19AR2G4-03 Datasheet HTML 1Page - Ningbo Foryard Optoelectronics Co., Ltd. FYCL-S19AR2G4-03 Datasheet HTML 2Page - Ningbo Foryard Optoelectronics Co., Ltd. FYCL-S19AR2G4-03 Datasheet HTML 3Page - Ningbo Foryard Optoelectronics Co., Ltd. FYCL-S19AR2G4-03 Datasheet HTML 4Page - Ningbo Foryard Optoelectronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Model No.
Rev.
■ -XX: REF Surface / Epoxy color
1
2
3
○ Black ○ Gray
○ Red
○ White ○ Red
○ Green
■ Mechanical Dimensions
Notes:
1. Dimension in millimeter [inch], tolerance is ±0.25 [.010] and angle is ±1° unless otherwise noted.
2. Bending
≤Length*1%.
3.The specifications,characteristics and technical data described in the datasheet are subject to change without prior notice.
■ Internal Circuit Diagrams
Page
2/4
FYCL-S19AR2G4-XX
A
Http://www.foryard.com
0
4
○ Green
○ Yellow
REF Surface Color
○ White
Epoxy Color
Model No.
:FYCL-S19AR2G4-XX
Color
Number
○ Water Clear


Similar Part No. - FYCL-S19AR2G4-03

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYCL-S19A0 FORYARD-FYCL-S19A0 Datasheet
166Kb / 3P
   OUTDOOR LAMP CLUSTER
FYCL-S19A1 FORYARD-FYCL-S19A1 Datasheet
166Kb / 3P
   OUTDOOR LAMP CLUSTER
FYCL-S19A2 FORYARD-FYCL-S19A2 Datasheet
166Kb / 3P
   OUTDOOR LAMP CLUSTER
FYCL-S19A3 FORYARD-FYCL-S19A3 Datasheet
166Kb / 3P
   OUTDOOR LAMP CLUSTER
FYCL-S19A4 FORYARD-FYCL-S19A4 Datasheet
166Kb / 3P
   OUTDOOR LAMP CLUSTER
More results

Similar Description - FYCL-S19AR2G4-03

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TL21W02-D TOSHIBA-TL21W02-D Datasheet
259Kb / 9P
   LED lamps
logo
Lucky Light Electronic
AL-50-30IRC-850 LUCKY-LIGHT-AL-50-30IRC-850_15 Datasheet
351Kb / 5P
   LED Lamps
AL-31-40IRC-850 LUCKY-LIGHT-AL-31-40IRC-850_15 Datasheet
324Kb / 5P
   LED Lamps
AL-50-30UW5C LUCKY-LIGHT-AL-50-30UW5C_15 Datasheet
394Kb / 6P
   LED Lamps
logo
A-BRIGHT Inc
AL-513RGBW-C-002 A-BRIGHT-AL-513RGBW-C-002 Datasheet
241Kb / 7P
   LED Lamps
2008/6/10
logo
IDEA.lnc.
JGC0348 IDEA-JGC0348 Datasheet
37Kb / 2P
   LED LAMPS
JYC0118 IDEA-JYC0118 Datasheet
150Kb / 5P
   LED LAMPS
JYC0358 IDEA-JYC0358 Datasheet
388Kb / 5P
   LED LAMPS
logo
Toshiba Semiconductor
TL12W02-L TOSHIBA-TL12W02-L Datasheet
305Kb / 10P
   LED lamps
logo
BRIGHT LED ELECTRONICS ...
BL-R2132N BRIGHT-BL-R2132N Datasheet
277Kb / 5P
   LED LAMPS
BL-R4641T BRIGHT-BL-R4641T Datasheet
277Kb / 5P
   LED LAMPS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com