Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FYT-5631AXX-01 Datasheet(PDF) 2 Page - Ningbo Foryard Optoelectronics Co., Ltd.

Part # FYT-5631AXX-01
Description  0.56 Inch (14.20mm) digit height Three Digits Display
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORYARD [Ningbo Foryard Optoelectronics Co., Ltd.]
Direct Link  http://www.foryard.com
Logo FORYARD - Ningbo Foryard Optoelectronics Co., Ltd.

FYT-5631AXX-01 Datasheet(HTML) 2 Page - Ningbo Foryard Optoelectronics Co., Ltd.

  FYT-5631AXX-01 Datasheet HTML 1Page - Ningbo Foryard Optoelectronics Co., Ltd. FYT-5631AXX-01 Datasheet HTML 2Page - Ningbo Foryard Optoelectronics Co., Ltd. FYT-5631AXX-01 Datasheet HTML 3Page - Ningbo Foryard Optoelectronics Co., Ltd. FYT-5631AXX-01 Datasheet HTML 4Page - Ningbo Foryard Optoelectronics Co., Ltd. FYT-5631AXX-01 Datasheet HTML 5Page - Ningbo Foryard Optoelectronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Model No.
Rev.
■ -XX: REF Surface / Epoxy color
1
2
3
○ Black ○ Gray
○ Red
○ White ○ Red
○ Green
■ Mechanical Dimensions
Notes:
1. All pins are Φ0.50[.020]mm
2. Dimension in millimeter [inch], tolerance is ±0.25 [.010] and angle is ±1° unless otherwise noted.
3. Bending
≤Length*1%.
4.The specifications,characteristics and technical data described in the datasheet are subject to change without prior notice.
Page
2/5
Model No.
:FYT-5631A/BXX-XX
4
○ Green
○ Yellow
REF Surface Color
○ White
Epoxy Color
FYT-5631A/BXX-XX
A
Http://www.foryard.com
0
Color
Number
○ Water Clear


Similar Part No. - FYT-5631AXX-01

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYT-5631AX-00 FORYARD-FYT-5631AX-00 Datasheet
463Kb / 5P
   0.56 Inch (14.20mm) digit height Three Digits Display
FYT-5631AX-01 FORYARD-FYT-5631AX-01 Datasheet
463Kb / 5P
   0.56 Inch (14.20mm) digit height Three Digits Display
FYT-5631AX-02 FORYARD-FYT-5631AX-02 Datasheet
463Kb / 5P
   0.56 Inch (14.20mm) digit height Three Digits Display
FYT-5631AX-03 FORYARD-FYT-5631AX-03 Datasheet
463Kb / 5P
   0.56 Inch (14.20mm) digit height Three Digits Display
FYT-5631AX-04 FORYARD-FYT-5631AX-04 Datasheet
463Kb / 5P
   0.56 Inch (14.20mm) digit height Three Digits Display
More results

Similar Description - FYT-5631AXX-01

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYT-5631GX-00 FORYARD-FYT-5631GX-00 Datasheet
465Kb / 5P
   0.56 Inch (14.20mm) digit height Three Digits Display
FYT-5633AX-00 FORYARD-FYT-5633AX-00 Datasheet
468Kb / 5P
   0.56 Inch (14.20mm) digit height Three Digits Display
FYT-5631IX-00 FORYARD-FYT-5631IX-00 Datasheet
452Kb / 5P
   0.56 Inch (14.20mm) digit height Three Digits Display
FYT-5631EX-00 FORYARD-FYT-5631EX-00 Datasheet
464Kb / 5P
   0.56 Inch (14.20mm) digit height Three Digits Display
FYT-5631AX-00 FORYARD-FYT-5631AX-00 Datasheet
463Kb / 5P
   0.56 Inch (14.20mm) digit height Three Digits Display
FYT-5631CX-00 FORYARD-FYT-5631CX-00 Datasheet
452Kb / 5P
   0.56 Inch (14.20mm) digit height Three Digits Display
FYT-5631KX-00 FORYARD-FYT-5631KX-00 Datasheet
462Kb / 5P
   0.56 Inch (14.20mm) digit height Three Digits Display
FYT-5631MX-00 FORYARD-FYT-5631MX-00 Datasheet
460Kb / 5P
   0.56 Inch (14.20mm) digit height Three Digits Display
FYC-4031AX-XX FORYARD-FYC-4031AX-XX Datasheet
384Kb / 5P
   0.0.40 Inch (14.20mm) digits height Three Digit Display
FYLT-5631AX-00 FORYARD-FYLT-5631AX-00 Datasheet
468Kb / 6P
   0.56 Inch (14.22mm) digit height, Three Digits SMD Display
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com