Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FYBL-7024AX-14 Datasheet(PDF) 3 Page - Ningbo Foryard Optoelectronics Co., Ltd.

Part # FYBL-7024AX-14
Description  70*24*6mm Arrow display series
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORYARD [Ningbo Foryard Optoelectronics Co., Ltd.]
Direct Link  http://www.foryard.com
Logo FORYARD - Ningbo Foryard Optoelectronics Co., Ltd.

FYBL-7024AX-14 Datasheet(HTML) 3 Page - Ningbo Foryard Optoelectronics Co., Ltd.

  FYBL-7024AX-14 Datasheet HTML 1Page - Ningbo Foryard Optoelectronics Co., Ltd. FYBL-7024AX-14 Datasheet HTML 2Page - Ningbo Foryard Optoelectronics Co., Ltd. FYBL-7024AX-14 Datasheet HTML 3Page - Ningbo Foryard Optoelectronics Co., Ltd. FYBL-7024AX-14 Datasheet HTML 4Page - Ningbo Foryard Optoelectronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Model No.
Rev.
Min
5
-40
-40
■ Electrical-Optical Characteristics
Color Code & Chip Characteristics:(Test Condition:IF=20mA)
Typ
H
Red
90nm
2.00
S
Hi Red
20nm
1.80
D
Super Red
20nm
1.90
E
Orange
35nm
1.90
A
Amber
35nm
1.90
Y
Yellow
35nm
1.90
G
Green
10nm
1.90
3.40
2.80
2.80
PG Pure Green
36nm
2.80
W
White
CCT:9500K
2.80
UHR Ultra Hi Red
20nm
1.90
UR Ultra Red
20nm
1.90
UE Ultra Orange
20nm
1.90
UA Ultra Amber
AlGaInP
20nm
1.90
2.50
UY Ultra Yellow
AlGaInP
20nm
1.90
2.50
UG Ultra Green
AlGaInP
30nm
1.90
2.50
30nm
2.80
30nm
2.80
UW Ultra White
CCT:9500K
2.80
Note:
1.Luminous Intensity is based on the Foryard standards.
2.Pay attention about static for InGaN
Page
3/4
14~18
570nm
590nm
15~20
14~20
610nm
1
Luminous
Intensity
(Iv)
Unit:mcd
AlGaAs/SH
660nm
700nm
GaP
2.50
+85
13~18
mA
150
2.50
Storage Temperature
Topr
Symbol
100
V
Pd
Max
GaP
Http://www.foryard.com
Segment-to-Segment Luminous Intensity ratio(Iv-M)
1.5:1
610nm
6~12(mw)
4~6(mw)
470nm
80~90~120
3.80
80~90~120
3.80
3.80
AlGaInP
625nm
2.50
2.50
2.50
AlGaInP
30~60~80
Ultra Blue
26~38
13~18
625nm
GaAsP
GaAsP
2.50
2.50
0.7~1(mw)
60~120
AlGaInP
640nm
30~60
430nm
6~12(mw)
60~100
3.80
460nm
520nm
InGaN
60nm
4.40
UB
460nm
635nm
3.80
570nm
470nm
590nm
B
Blue
InGaN
Ultra brightness
InGaN
X=0.29,Y=0.30
3.80
20~30
InGaN
X=0.29,Y=0.30
3.80
180~200
InGaN
GaAsP
2.50
AlGaAs/DH
650nm
Tstr
+85
Operating Temperature
Max
Unit
Test Condition
Peak Wave
Length(λP)
Spectral
Line
halfwidth(∆
λ1/2)
mA
mW
Standard brightness
Forward
Voltage(VF) Unit:V
Ipeak
■ Absolute maximum ratings
(Ta=25
℃)
Value
Reverse Voltage
VR
IR=30
Parameter
FYBL-7024AX-XX
A
Model No.
:FYBL-7024AX-XX
40~100~150
50~140~190
Duty=0.1mS,1KHz
Forward Current
IF
Power Dissipation
Emitting Color
Dice
Material
2.50
(Ta=25
℃)
2.50
30
Pulse Current


Similar Part No. - FYBL-7024AX-14

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYBL-9237AX-00 FORYARD-FYBL-9237AX-00 Datasheet
390Kb / 4P
   92*37*7mm Arrow display series
FYBL-9237AX-01 FORYARD-FYBL-9237AX-01 Datasheet
390Kb / 4P
   92*37*7mm Arrow display series
FYBL-9237AX-02 FORYARD-FYBL-9237AX-02 Datasheet
390Kb / 4P
   92*37*7mm Arrow display series
FYBL-9237AX-03 FORYARD-FYBL-9237AX-03 Datasheet
390Kb / 4P
   92*37*7mm Arrow display series
FYBL-9237AX-04 FORYARD-FYBL-9237AX-04 Datasheet
390Kb / 4P
   92*37*7mm Arrow display series
More results

Similar Description - FYBL-7024AX-14

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-AT5Z3044 BETLUX-BL-AT5Z3044 Datasheet
216Kb / 5P
   ARROW DISPLAY,30*44mm
logo
Ningbo Foryard Optoelec...
FYBL-9237AX-XX FORYARD-FYBL-9237AX-XX Datasheet
390Kb / 4P
   92*37*7mm Arrow display series
logo
BetLux Electronics
BL-AT5Z3056 BETLUX-BL-AT5Z3056 Datasheet
69Kb / 4P
   LED LIGHT BAR, ARROW DISPLAY
BL-AT1Z2546 BETLUX-BL-AT1Z2546 Datasheet
65Kb / 4P
   LED LIGHT BAR, ARROW DISPLAY
BL-AT1Z13 BETLUX-BL-AT1Z13 Datasheet
66Kb / 4P
   LED LIGHT BAR, ARROW DISPLAY
BL-AT1Z20 BETLUX-BL-AT1Z20 Datasheet
66Kb / 4P
   LED LIGHT BAR, ARROW DISPLAY
BL-AT5Z4163 BETLUX-BL-AT5Z4163 Datasheet
67Kb / 4P
   LED LIGHT BAR, ARROW DISPLAY
logo
List of Unclassifed Man...
561-AC001 ETC2-561-AC001 Datasheet
125Kb / 2P
   Nylon Arrow Clips
logo
API Technologies Corp
SF0070BA03064S APITECH-SF0070BA03064S Datasheet
259Kb / 2P
   70 MHz Filter 24 MHz Bandwidth
logo
List of Unclassifed Man...
ULCD-70DT-AR ETC2-ULCD-70DT-AR Datasheet
335Kb / 6P
   Arduino Display Module Pack Featuring a .70" Display Module
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com