Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRFR3708 Datasheet(PDF) 2 Page - International Rectifier

Part # IRFR3708
Description  Power MOSFET(Vdss=30V, Rds(on)max=12.5mohm, Id=61A??
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFR3708 Datasheet(HTML) 2 Page - International Rectifier

  IRFR3708 Datasheet HTML 1Page - International Rectifier IRFR3708 Datasheet HTML 2Page - International Rectifier IRFR3708 Datasheet HTML 3Page - International Rectifier IRFR3708 Datasheet HTML 4Page - International Rectifier IRFR3708 Datasheet HTML 5Page - International Rectifier IRFR3708 Datasheet HTML 6Page - International Rectifier IRFR3708 Datasheet HTML 7Page - International Rectifier IRFR3708 Datasheet HTML 8Page - International Rectifier IRFR3708 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
IRFR/U3708
2
www.irf.com
Dynamic @ TJ = 25°C (unless otherwise specified)
ns
Symbol
Parameter
Typ.
Max.
Units
EAS
Single Pulse Avalanche Energy
‚
–––
213
mJ
IAR
Avalanche Current

–––
62
A
Avalanche Characteristics
S
D
G
Diode Characteristics
61
„
244
A
Symbol
Parameter
Min. Typ. Max. Units
Conditions
gfs
Forward Transconductance
49
–––
–––
SVDS = 15V, ID = 50A
Qg
Total Gate Charge
–––
24
–––
ID = 24.8A
Qgs
Gate-to-Source Charge
–––
6.7
–––
nC
VDS = 15V
Qgd
Gate-to-Drain ("Miller") Charge
–––
5.8
–––
VGS = 4.5V
ƒ
Qoss
Output Gate Charge
–––
14
21
VGS = 0V, ID = 24.8A, VDS = 15V
td(on)
Turn-On Delay Time
–––
7.2
–––
VDD = 15V
tr
Rise Time
–––
50
–––
ID = 24.8A
td(off)
Turn-Off Delay Time
–––
17.6
–––
RG = 0.6Ω
tf
Fall Time
–––
3.7
–––
VGS = 4.5V
ƒ
Ciss
Input Capacitance
–––
2417 –––
VGS = 0V
Coss
Output Capacitance
–––
707
–––
VDS = 15V
Crss
Reverse Transfer Capacitance
–––
52
–––
pF
ƒ = 1.0MHz
VSD
Diode Forward Voltage
Symbol
Parameter
Min. Typ. Max. Units
Conditions
IS
Continuous Source Current
MOSFET symbol
(Body Diode)
–––
–––
showing the
ISM
Pulsed Source Current
integral reverse
(Body Diode)

–––
–––
p-n junction diode.
–––
0.88
1.3
V
TJ = 25°C, IS = 31A, VGS = 0V
ƒ
–––
0.80
–––
TJ = 125°C, IS = 31A, VGS = 0V
ƒ
trr
Reverse Recovery Time
–––
41
62
ns
TJ = 25°C, IF = 31A, VR=20V
Qrr
Reverse Recovery Charge
–––
64
96
nC
di/dt = 100A/µs
ƒ
trr
Reverse Recovery Time
–––
43
65
ns
TJ = 125°C, IF = 31A, VR=20V
Qrr
Reverse Recovery Charge
–––
70
105
nC
di/dt = 100A/µs
ƒ
Static @ TJ = 25°C (unless otherwise specified)
IGSS
IDSS
Drain-to-Source Leakage Current
RDS(on)
Static Drain-to-Source On-Resistance
Parameter
Min.
Typ.
Max. Units
Conditions
V(BR)DSS
Drain-to-Source Breakdown Voltage
30
–––
–––
VVGS = 0V, ID = 250µA
∆V(BR)DSS/∆TJ Breakdown Voltage Temp. Coefficient
–––
0.028
––– V/°C
Reference to 25°C, ID = 1mA
–––
8.5
12.5
VGS = 10V, ID = 15A
ƒ
–––
10.0
14.0
m
Ω VGS = 4.5V, ID = 12A
ƒ
–––
15.0
30.0
VGS = 2.8V, ID = 7.5A
ƒ
VGS(th)
Gate Threshold Voltage
0.6
–––
2.0
V
VDS = VGS, ID = 250µA
–––
–––
20
µA
VDS = 24V, VGS = 0V
–––
–––
100
VDS = 24V, VGS = 0V, TJ = 125°C
Gate-to-Source Forward Leakage
–––
–––
200
VGS = 12V
Gate-to-Source Reverse Leakage
–––
–––
-200
nA
VGS = -12V


Similar Part No. - IRFR3708

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
IRFR3708 KERSEMI-IRFR3708 Datasheet
3Mb / 9P
   SMPS MOSFET
logo
Inchange Semiconductor ...
IRFR3708 ISC-IRFR3708 Datasheet
336Kb / 2P
   N-Channel MOSFET Transistor
logo
International Rectifier
IRFR3708PBF IRF-IRFR3708PBF Datasheet
225Kb / 10P
   HEXFET짰Power MOSFET
logo
Kersemi Electronic Co.,...
IRFR3708PBF KERSEMI-IRFR3708PBF Datasheet
3Mb / 9P
   SMPS MOSFET
IRFR3708PBF KERSEMI-IRFR3708PBF Datasheet
3Mb / 9P
   High Frequency DC-DC Isolated Converters with Synchronous Rectification for Telecom and Industrial Use
More results

Similar Description - IRFR3708

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFR3707 IRF-IRFR3707 Datasheet
136Kb / 9P
   Power MOSFET(Vdss=30V, Rds(on)max=13mohm, Id=61A??
IRF3707 IRF-IRF3707 Datasheet
143Kb / 10P
   Power MOSFET(Vdss=30V, Rds(on)max=12.5mohm, Id=62A)
IRL3102S IRF-IRL3102S Datasheet
90Kb / 8P
   Power MOSFET(Vdss=20V, Rds(on)=0.013w, Id=61A)
IRL3102 IRF-IRL3102 Datasheet
96Kb / 7P
   Power MOSFET(Vdss=20V, Rds(on)=0.013ohm, Id=61A)
IRFP3703 IRF-IRFP3703 Datasheet
236Kb / 8P
   Power MOSFET(Vdss=30V, Rds(on)max=0.0028ohm, Id=210A??
IRF7455 IRF-IRF7455 Datasheet
167Kb / 8P
   Power MOSFET(Vdss=30V, Rds(on)max=0.0071ohm,Id=15A)
IRF7458 IRF-IRF7458 Datasheet
120Kb / 8P
   Power MOSFET(Vdss=30V, Rds(on)max=8.0mohm, Id=14A)
IRF7463 IRF-IRF7463 Datasheet
84Kb / 7P
   Power MOSFET(Vdss=30V, Rds(on)max=0.008ohm, Id=14A)
IRF3703 IRF-IRF3703 Datasheet
95Kb / 8P
   Power MOSFET(Vdss=30V, Rds(on)max=2.8mohm, Id=210A??
IRF3708 IRF-IRF3708 Datasheet
138Kb / 10P
   Power MOSFET(Vdss=30V, Rds(on)max=12mohm, Id=62A)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com