Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRFR2405 Datasheet(PDF) 9 Page - International Rectifier

Part # IRFR2405
Description  Power MOSFET(Vdss=55V, Rds(on)=0.016ohm, Id=56A??
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFR2405 Datasheet(HTML) 9 Page - International Rectifier

Back Button IRFR2405 Datasheet HTML 2Page - International Rectifier IRFR2405 Datasheet HTML 3Page - International Rectifier IRFR2405 Datasheet HTML 4Page - International Rectifier IRFR2405 Datasheet HTML 5Page - International Rectifier IRFR2405 Datasheet HTML 6Page - International Rectifier IRFR2405 Datasheet HTML 7Page - International Rectifier IRFR2405 Datasheet HTML 8Page - International Rectifier IRFR2405 Datasheet HTML 9Page - International Rectifier IRFR2405 Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
www.irf.com
9
IRFR/U2405
I-Pak (TO-251AA) Package Outline
Dimensions are shown in millimeters (inches)
I-Pak (TO-251AA) Part Marking Information
6 .73 (.26 5)
6 .35 (.25 0)
- A -
6 .22 (.2 45)
5 .97 (.2 35)
- B -
3X
0.89 (.0 35)
0.64 (.0 25)
0 .2 5 (.0 1 0 )
M
A M B
2.28 (.09 0)
1.14 (.045 )
0.76 (.030 )
5.46 (.2 1 5 )
5.21 (.2 0 5 )
1.27 (.050)
0.88 (.035)
2.38 (.094)
2.19 (.086)
1 .14 (.04 5)
0 .89 (.03 5)
0.58 (.023)
0.46 (.018)
L EAD A SSIG N M E N T S
1 - G A T E
2 - D R A IN
3 - S O URCE
4 - D R A IN
NO T E S :
1 DIM E NS IO NING & T O L E RA NCING P E R A N S I Y 1 4 .5M , 19 8 2 .
2 CO N T RO L L IN G DIM E NS IO N : INCH.
3 C O N F O R M S T O J E D E C O U T L IN E T O -2 5 2 A A .
4 D IM E N S IO N S S H O W N A R E B E F O R E S O L D E R D IP ,
S O LD E R D IP M A X. + 0.16 (.006).
9.65 (.380)
8.89 (.350)
2X
3X
2.2 8 (.0 9 0)
1.9 1 (.0 7 5)
1.52 (.060)
1.15 (.045)
4
1
2
3
6.4 5 (.245)
5.6 8 (.224)
0.58 (.023)
0.46 (.018)


Similar Part No. - IRFR2405

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
IRFR2405 KERSEMI-IRFR2405 Datasheet
1Mb / 8P
   Surface Mount (IRFR2405)
logo
Inchange Semiconductor ...
IRFR2405 ISC-IRFR2405 Datasheet
334Kb / 2P
   N-Channel MOSFET Transistor
logo
International Rectifier
IRFR2405LPBF IRF-IRFR2405LPBF Datasheet
226Kb / 11P
   Surface Mount (IRFR2405)
IRFR2405PBF IRF-IRFR2405PBF Datasheet
217Kb / 10P
   HEXFET Power MOSFET
logo
Kersemi Electronic Co.,...
IRFR2405PBF KERSEMI-IRFR2405PBF Datasheet
3Mb / 10P
   Surface Mount (IRFR2405) Straight Lead (IRFU2405) Advanced Process Technology
More results

Similar Description - IRFR2405

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFP048N IRF-IRFP048N Datasheet
117Kb / 8P
   Power MOSFET(Vdss=55V, Rds(on)=0.016ohm, Id=64A)
IRFIZ48N IRF-IRFIZ48N Datasheet
109Kb / 8P
   Power MOSFET(Vdss=55V, Rds(on)=0.016ohm, Id=36A)
IRF5NJZ48 IRF-IRF5NJZ48 Datasheet
116Kb / 7P
   POWER MOSFET N-CHANNEL(Vdss=55V, Rds(on)=0.016ohm, Id=22A*)
IRFZ24N IRF-IRFZ24N Datasheet
123Kb / 8P
   Power MOSFET (Vdss=55V, Rds(on)=0.07ohm, Id=17A)
IRFBA1405P IRF-IRFBA1405P Datasheet
238Kb / 9P
   Power MOSFET(Vdss=55V, Rds(on)=5.0mohm, Id=174A??
IRF3205S IRF-IRF3205S Datasheet
160Kb / 10P
   Power MOSFET(Vdss=55V, Rds(on)=8.0mohm, Id=110A??
IRFR2605 IRF-IRFR2605 Datasheet
345Kb / 8P
   Power MOSFET(Vdss=55V, Rds(on)=0.075ohm, Id=19A)
IRFB260N IRF-IRFB260N Datasheet
90Kb / 8P
   Power MOSFET(Vdss=200V, Rds(on)max=0.040ohm, Id=56A)
IRFP054N IRF-IRFP054N Datasheet
109Kb / 8P
   Power MOSFET(Vdss=55V, Rds(on)=0.012ohm, Id=81A??
IRFRU5505 IRF-IRFRU5505 Datasheet
108Kb / 10P
   Power MOSFET(Vdss=-55V, Rds(on)=0.11ohm, Id=-18A)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com