Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRFU220N Datasheet(PDF) 4 Page - International Rectifier

Part # IRFU220N
Description  Power MOSFET(Vdss=200V, Rds(on)max=600mohm, Id=5.0A)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFU220N Datasheet(HTML) 4 Page - International Rectifier

  IRFU220N Datasheet HTML 1Page - International Rectifier IRFU220N Datasheet HTML 2Page - International Rectifier IRFU220N Datasheet HTML 3Page - International Rectifier IRFU220N Datasheet HTML 4Page - International Rectifier IRFU220N Datasheet HTML 5Page - International Rectifier IRFU220N Datasheet HTML 6Page - International Rectifier IRFU220N Datasheet HTML 7Page - International Rectifier IRFU220N Datasheet HTML 8Page - International Rectifier IRFU220N Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
IRFR/U220N
4
www.irf.com
Fig 8. Maximum Safe Operating Area
Fig 6. Typical Gate Charge Vs.
Gate-to-Source Voltage
Fig 5. Typical Capacitance Vs.
Drain-to-Source Voltage
Fig 7. Typical Source-Drain Diode
Forward Voltage
0
5
10
15
20
25
0
4
8
12
16
20
Q , Total Gate Charge (nC)
G
FOR TEST CIRCUIT
SEE FIGURE
I =
D
13
2.9A
V
= 40V
DS
V
= 100V
DS
V
= 160V
DS
0.1
1
10
100
0.4
0.6
0.8
1.0
1.2
V
,Source-to-Drain Voltage (V)
SD
V
= 0 V
GS
T = 25 C
J
°
T = 175 C
J
°
0.1
1
10
100
1
10
100
1000
OPERATION IN THIS AREA LIMITED
BY RDS(on)
Single Pulse
T
T
= 175 C
= 25 C
°
°
J
C
V
, Drain-to-Source Voltage (V)
DS
10us
100us
1ms
10ms
1
10
100
1000
VDS, Drain-to-Source Voltage (V)
1
10
100
1000
10000
Coss
Crss
Ciss
VGS = 0V,
f = 1 MHZ
Ciss = Cgs + Cgd, Cds
SHORTED
Crss = Cgd
Coss = Cds+ Cgd


Similar Part No. - IRFU220N

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
IRFU220N KERSEMI-IRFU220N Datasheet
3Mb / 10P
   SMPS MOSFET
logo
Inchange Semiconductor ...
IRFU220N ISC-IRFU220N Datasheet
319Kb / 2P
   Isc N-Channel MOSFET Transistor
logo
International Rectifier
IRFU220NPBF IRF-IRFU220NPBF Datasheet
220Kb / 10P
   HEXFET Power MOSFET
IRFU220NPBF IRF-IRFU220NPBF Datasheet
230Kb / 11P
   High frequency DC-DC converters
logo
Kersemi Electronic Co.,...
IRFU220NPBF KERSEMI-IRFU220NPBF Datasheet
3Mb / 10P
   SMPS MOSFET
More results

Similar Description - IRFU220N

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF830AS IRF-IRF830AS Datasheet
155Kb / 10P
   Power MOSFET(Vdss=500V, Rds(on)max=1.40ohm, Id=5.0A)
IRF5801 IRF-IRF5801 Datasheet
120Kb / 8P
   Power MOSFET(Vdss=200V, Rds(on)max=2.2ohm, Id=0.6A)
IRFB38N20D IRF-IRFB38N20D Datasheet
133Kb / 11P
   Power MOSFET(Vdss=200V, Rds(on)max=0.054ohm, Id=44A)
IRFBA90N20D IRF-IRFBA90N20D Datasheet
98Kb / 8P
   Power MOSFET(Vdss=200V, Rds(on)max=0.023ohm, Id=98A??
IRFR13N20D IRF-IRFR13N20D Datasheet
181Kb / 10P
   Power MOSFET(Vdss=200V, Rds(on)max=0.235ohm, Id=13A)
IRFB42N20D IRF-IRFB42N20D Datasheet
215Kb / 8P
   Power MOSFET(Vdss=200V, Rds(on)max=0.055ohm, Id=44A)
IRFB31N20D IRF-IRFB31N20D Datasheet
190Kb / 11P
   Power MOSFET(Vdss=200V, Rds(on)max=0.082ohm, Id=31A)
IRF7464 IRF-IRF7464 Datasheet
168Kb / 8P
   Power MOSFET(Vdss=200V, Rds(on)max=0.73ohm, Id=1.2A)
IRFP90N20D IRF-IRFP90N20D Datasheet
89Kb / 8P
   Power MOSFET(Vdss=200V, Rds(on)max=0.023ohm, Id=94A??
IRFR9N20D IRF-IRFR9N20D Datasheet
126Kb / 10P
   Power MOSFET(Vdss=200V, Rds(on)max=0.38ohm, Id=9.4A)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com