Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

P569003 Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part No. P569003
Description  High Speed HDMI Cable with Ethernet, Digital Video with Audio (M-M), 3-ft
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TRIPPLITE [Tripp Lite. All Rights Reserved]
Homepage  http://www.tripplite.com/
Logo 

P569003 Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
High Speed HDMI Cable with Ethernet, Digital Video
with Audio (M/M), 3-ft.
MODEL NUMBER: P569-003
Description
Tripp Lite P569 Series HDMI cables are the latest generation of Digital Video and Audio: HDMI High Speed with Ethernet. These cables offer the highest level
of performance by HDMI: supports Ethernet Data Connectivity, Audio Return Channel, 3D support, and video resolutions up to 4096 x 2160. High Speed (or
“category 2”) HDMI cables have been tested to perform at speeds of 340Mhz or up to 10.2Gbps, which is the highest bandwidth currently available over an
HDMI cable and, can successfully handle 1080p signals including those at increased color depths and/or increased refresh rates from the source. These cables
are backward compatible with previous versions of HDMI, and will work in all HDMI cabling scenarios.
Features
3ft High Speed with Ethernet HDMI cable v1.4
Supports transmission speeds up to 10.2Gbps
Backward compatible to previous HDMI generations
Fully molded cables, with Gold plated connectors assures long life
Perfect for connecting an iPad2 to an HDTV (video mirroring) to watch movies, play games, surf the web and display presentations
Specifications
General Info
RoHS
Y
OVERVIEW
Chromebook Compatible
Yes
Style
HDMI
Model Type
HDMI
Cable Types
HDMI
Highlights
3ft High Speed with Ethernet
HDMI cable v1.4
Supports transmission speeds up
to 10.2Gbps
Backward compatible to previous
HDMI generations
Video mirroring with iPad2
System Requirements
HDMI video source and HDMI
enabled TV / Monitor
Package Includes
3ft High Speed with Ethernet
HDMI Cable v1.4
1 / 2


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn