Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RJP4009ANS Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # RJP4009ANS
Description  Nch IGBT for Strobe Flash
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJP4009ANS Datasheet(HTML) 3 Page - Renesas Technology Corp

  RJP4009ANS_15 Datasheet HTML 1Page - Renesas Technology Corp RJP4009ANS_15 Datasheet HTML 2Page - Renesas Technology Corp RJP4009ANS_15 Datasheet HTML 3Page - Renesas Technology Corp RJP4009ANS_15 Datasheet HTML 4Page - Renesas Technology Corp RJP4009ANS_15 Datasheet HTML 5Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
RJP4009ANS
Preliminary
R07DS0370EJ0200 Rev.2.00
Page 3 of 4
Apr 27, 2011
Application Example
CM
+
8
Xe Tube
Trigger Transformer
VCM
76
5
12
3
4
VCM
ICP
CM
VGE
Maximum Operation
Conditions
IGBT driver
Precautions on Usage
1. IGBT has MOS structure and its gate is insulated by thin silicon oxide. So please handle carefully to protect the
device from electrostatic charge.
2. Gate drive voltage during on-period must be applied to satisfy the rating of maximum pulse collector current. And
turn-off dv/dt must become less than 400 V/
μs. In general, when R
G (off) = 30 Ω, it is satisfied.
3. The operation life should be endured until repeated discharge of 5,000 times under the charge current (IXe ≤ 150 A :
full luminescence condition) of main capacitor. Repetition period under full luminescence condition is over
3 seconds.


Similar Part No. - RJP4009ANS_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJP4009ANS RENESAS-RJP4009ANS Datasheet
96Kb / 5P
   Nch IGBT for Strobe Flash
More results

Similar Description - RJP4009ANS_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJP4301APP-M0 RENESAS-RJP4301APP-M0_15 Datasheet
65Kb / 5P
   Nch IGBT for Strobe Flash
CY20AAJ-8 RENESAS-CY20AAJ-8 Datasheet
159Kb / 5P
   Nch IGBT for Strobe Flash
CY25CAH-8F RENESAS-CY25CAH-8F Datasheet
52Kb / 5P
   Nch IGBT for Strobe Flash
RJP4010AGE RENESAS-RJP4010AGE Datasheet
103Kb / 5P
   Nch IGBT for Strobe Flash
RJP4003ANS RENESAS-RJP4003ANS Datasheet
87Kb / 5P
   Nch IGBT for Strobe Flash
RJP4003ASA RENESAS-RJP4003ASA Datasheet
136Kb / 5P
   Nch IGBT for Strobe Flash
CY25BAJ-8F RENESAS-CY25BAJ-8F Datasheet
57Kb / 4P
   Nch IGBT for Strobe Flash
RJP4301APP RENESAS-RJP4301APP_09 Datasheet
191Kb / 5P
   Nch IGBT for Strobe Flash
RJP4007ANS RENESAS-RJP4007ANS Datasheet
96Kb / 5P
   Nch IGBT for Strobe Flash
RJP5001APP RENESAS-RJP5001APP_15 Datasheet
102Kb / 7P
   Nch IGBT for Strobe Flash
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com