Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NP89N055PUK Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # NP89N055PUK
Description  MOS FIELD EFFECT TRANSISTOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

NP89N055PUK Datasheet(HTML) 6 Page - Renesas Technology Corp

  NP89N055PUK_15 Datasheet HTML 1Page - Renesas Technology Corp NP89N055PUK_15 Datasheet HTML 2Page - Renesas Technology Corp NP89N055PUK_15 Datasheet HTML 3Page - Renesas Technology Corp NP89N055PUK_15 Datasheet HTML 4Page - Renesas Technology Corp NP89N055PUK_15 Datasheet HTML 5Page - Renesas Technology Corp NP89N055PUK_15 Datasheet HTML 6Page - Renesas Technology Corp NP89N055PUK_15 Datasheet HTML 7Page - Renesas Technology Corp NP89N055PUK_15 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
NP89N055PUK
R07DS0569EJ0100 Rev.1.00
Page 6 of 6
Nov 17, 2011
Package Drawing (Unit: mm)
TO-263 (MP-25ZP) (Mass: 1.5 g TYP.)
No plating
7.88 MIN.
2.54
0.75 ±0.2
0.5
2
13
4
4.45 ±0.2
1.3 ±0.2
0.6 ±0.2
0 to 8°
1. Gate
2. Drain
3. Source
4. Fin (Drain)
0.025
to 0.25
0.25
10.0 ±0.3
Equivalent Circuit
Source
Body
Diode
Gate
Drain
Remark: Strong electric field, when exposed to this device, can cause destruction of the gate oxide and
ultimately degrade the device operation. Steps must be taken to stop generation of static electricity
as much as possible, and quickly dissipate it once, when it has occurred.


Similar Part No. - NP89N055PUK_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NP89N055PUK-E1-AY RENESAS-NP89N055PUK-E1-AY Datasheet
112Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP89N055PUK-E1-AY RENESAS-NP89N055PUK-E1-AY Datasheet
280Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
May 24, 2018
NP89N055PUK-E2-AY RENESAS-NP89N055PUK-E2-AY Datasheet
112Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP89N055PUK-E2-AY RENESAS-NP89N055PUK-E2-AY Datasheet
280Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
May 24, 2018
NP89N055PUK RENESAS-NP89N055PUK_V01 Datasheet
280Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
May 24, 2018
More results

Similar Description - NP89N055PUK_15

ManufacturerPart #DatasheetDescription
logo
NEC
2SK815 NEC-2SK815 Datasheet
176Kb / 4P
   MOS FIELD EFFECT TRANSISTOR
NP36P04KDG NEC-NP36P04KDG Datasheet
189Kb / 7P
   MOS FIELD EFFECT TRANSISTOR
2SJ624 NEC-2SJ624 Datasheet
71Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
2SJ603 NEC-2SJ603 Datasheet
79Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
logo
Renesas Technology Corp
NP180N04TUK RENESAS-NP180N04TUK_15 Datasheet
253Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
2SK3353 RENESAS-2SK3353_15 Datasheet
224Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
NP60N04VUK RENESAS-NP60N04VUK Datasheet
110Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP89N055PUK RENESAS-NP89N055PUK Datasheet
112Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP90N04VUK RENESAS-NP90N04VUK Datasheet
111Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP160N04TUK RENESAS-NP160N04TUK Datasheet
235Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP160N055TUK RENESAS-NP160N055TUK Datasheet
112Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com