Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

P561075 Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part No. P561075
Description  DVI Single Link Cable, Digital TMDS Monitor Cable (DVI-D M-M), 75-ft
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TRIPPLITE [Tripp Lite. All Rights Reserved]
Homepage  http://www.tripplite.com/
Logo 

P561075 Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
In most applications, a signal booster (Model Number: B120-000-SL) should be used with this cable to ensure a
signal strong enough for your display. An alternate solution is to use a Tripp Lite DVI over Cat5 Extender (Model
Number: B140-101X) in place of a 75 ft. DVI cable and signal booster.
DVI Single Link Cable, Digital TMDS Monitor Cable
(DVI-D M/M), 75-ft.
MODEL NUMBER: P561-075
Description
Tripp Lite's 75-ft. DVI Single Link TMDS cable delivers the high performance, high bandwidth needed for today's digital video displays. Gold plated contacts
ensure excellent conductivity, while double shielding (foil and braid) provides maximum EMI/RFI protection. Use in conjunction with DVI video cards that are
specified as Single Link. Both DVI connectors are molded, have integral strain relief for long life reliability, and ferrite collars to drain off extraneous electrical
interference. In most applications, a signal booster (B120-000-SL) will need to be used with this cable to ensure a signal strong enough for your display.
Features
For use with Single Link TMDS specified equipment
Compatible with Flat Panel Displays, Digital CRT Displays and Projectors
Provides bandwidth for resolutions up to 1920 x 1200
High Speed Digital Transmission to 9.9Gbps
Superior molded cables with foil/braid shielding for maximum EMI/RFI protection
In most applications, a signal booster (B120-000-SL) will need to be used with this cable to ensure a signal strong enough for your display
Specifications
General Info
RoHS
Y
OVERVIEW
Chromebook Compatible
No
Highlights
For use with Single Link TMDS
specified equipment
Compatible with Flat Panel
Displays, Digital CRT Displays
and Projectors
Provides bandwidth for
resolutions up to 1920 x 1200
High Speed Digital Transmission
to 9.9Gbps
Superior molded cables with
foil/braid shielding for maximum
EMI/RFI protection
System Requirements
DVI monitor and computer
Package Includes
75-ft. DVI Single Link TMDS
Cable (DVI-D M/M)
1 / 2


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn