Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P561015 Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # P561015
Description  DVI Single Link Cable, Digital TMDS Monitor Cable (DVI-D M-M), 15-ft
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

P561015 Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  P561015 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved P561015 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DVI Single Link Cable, Digital TMDS Monitor Cable
(DVI-D M/M), 15-ft.
MODEL NUMBER: P561-015
Description
Tripp Lite's 15 foot DVI Single Link TMDS cable delivers the high performance, high bandwidth needed for today's digital video displays. Gold plated contacts
ensure excellent conductivity, while double shielding (foil and braid) provides maximum EMI/RFI protection. Both DVI connectors are molded and have integral
strain relief for long life reliability.
Features
Superior molded cables with foil/braid shielding for maximum EMI/RFI protection
Single Link digital signaling for transmission speeds to 4.95Gbps and 1920 x 1200 resolution
Gold plated contacts ensure excellent conductivity
Meets DVI DDWG Standard
For use with Digital CRT displays, Flat Panel Displays, HDTV and Projectors
Specifications
General Info
RoHS
Y
OVERVIEW
Chromebook Compatible
No
Style
DVI
Display Style
Cable
Model Type
DVI
Cable Types
DVI
Highlights
Superior molded cables with
foil/braid shielding for maximum
EMI/RFI protection
Compatible with Flat Panel
Displays, Digital CRT Displays
and Projectors
Resolutions up to 1920 x 1200
High Speed Digital Transmission
to 4.95Gbps
System Requirements
Monitor with DVI, and CPU with a
DVI video card
Package Includes
DVI Single Link TMDS cable - DVI-D,
M/M, 15'
1 / 2


Similar Part No. - P561015

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P561010 TRIPPLITE-P561010 Datasheet
498Kb / 2P
   DVI Single Link Cable, Digital TMDS Monitor Cable (DVI-D M-M), 10-ft
More results

Similar Description - P561015

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P561-015 TRIPPLITE-P561-015 Datasheet
165Kb / 2P
   DVI Single Link Cable, Digital TMDS Monitor Cable (DVI-D M/M), 15-ft.
P560-015 TRIPPLITE-P560-015 Datasheet
167Kb / 2P
   DVI Dual Link Cable, Digital TMDS Monitor Cable (DVI-D M/M), 15-ft.
P560015 TRIPPLITE-P560015 Datasheet
500Kb / 2P
   DVI Dual Link Cable, Digital TMDS Monitor Cable (DVI-D M-M), 15-ft
P561050 TRIPPLITE-P561050 Datasheet
499Kb / 2P
   DVI Single Link Cable, Digital TMDS Monitor Cable (DVI-D M-M), 50-ft
P561-003 TRIPPLITE-P561-003 Datasheet
165Kb / 2P
   DVI Single Link Cable, Digital TMDS Monitor Cable (DVI-D M/M), 3-ft.
P561006 TRIPPLITE-P561006 Datasheet
497Kb / 2P
   DVI Single Link Cable, Digital TMDS Monitor Cable (DVI-D M-M), 6-ft
P561010 TRIPPLITE-P561010 Datasheet
498Kb / 2P
   DVI Single Link Cable, Digital TMDS Monitor Cable (DVI-D M-M), 10-ft
P561-010 TRIPPLITE-P561-010 Datasheet
165Kb / 2P
   DVI Single Link Cable, Digital TMDS Monitor Cable (DVI-D M/M), 10-ft.
P561-025 TRIPPLITE-P561-025 Datasheet
165Kb / 2P
   DVI Single Link Cable, Digital TMDS Monitor Cable (DVI-D M/M), 25-ft.
P561-006 TRIPPLITE-P561-006 Datasheet
165Kb / 2P
   DVI Single Link Cable, Digital TMDS Monitor Cable (DVI-D M/M), 6-ft.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com