Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK3210(L) Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # 2SK3210(L)
Description  Silicon N Channel MOS FET High Speed Power Switching
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SK3210(L) Datasheet(HTML) 4 Page - Renesas Technology Corp

  2SK3210(L)_15 Datasheet HTML 1Page - Renesas Technology Corp 2SK3210(L)_15 Datasheet HTML 2Page - Renesas Technology Corp 2SK3210(L)_15 Datasheet HTML 3Page - Renesas Technology Corp 2SK3210(L)_15 Datasheet HTML 4Page - Renesas Technology Corp 2SK3210(L)_15 Datasheet HTML 5Page - Renesas Technology Corp 2SK3210(L)_15 Datasheet HTML 6Page - Renesas Technology Corp 2SK3210(L)_15 Datasheet HTML 7Page - Renesas Technology Corp 2SK3210(L)_15 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
2SK3210(L), 2SK3210(S)
Preliminary
R07DS0409EJ0400 Rev.4.00
Page 4 of 7
May 16, 2011
250
200
150
100
50
–40
0
40
80
120
160
0
0.1 0.2
1
520
30
1
3
0.3
0.1
10
10
ID = 20 A
VGS = 4 V
10 V
5, 10 A
100
0.5
2
50 100
25
°C
Tc = –25
°C
75
°C
5, 10 A
20 A
Pulse Test
VDS = 10 V
Pulse Test
Case Temperature
Tc
(
°C)
Static Drain to Source on State Resistance
vs. Temperature
Drain Current
ID (A)
Forward Transfer Admittance vs.
Drain Current
0.1
1
3
10
100
0.3
30
010
20
30
40
50
10000
1000
3000
300
10
30
100
500
400
300
200
100
0
20
16
12
8
4
40
80
120
160
200
0
5000
500
200
100
50
0.1 0.2
1
5
10
1000
200
100
20
50
10
500
ID = 30A
VGS
VDS
20
10
0.5
2
20
VDD = 100 V
50 V
25 V
VDD = 100 V
50 V
25 V
VGS = 0
f = 1 MHz
Ciss
Coss
Crss
1000
tr
VGS = 10 V, VDD = 30 V
PW = 5
μs, duty < 1 %
tf
td(on)
td(off)
50
2000
di / dt = 50 A /
μs
VGS = 0, Ta = 25°C
Reverse Drain Current
IDR (A)
Body-Drain Diode Reverse
Recovery Time
Drain to Source Voltage VDS (V)
Typical Capacitance vs.
Drain to Source Voltage
Gate Charge
Qg (nc)
Dynamic Input Characteristics
Drain Current
ID (A)
Switching Characteristics


Similar Part No. - 2SK3210(L)_15

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SK3210 HITACHI-2SK3210 Datasheet
35Kb / 5P
   Silicon N Channel MOS FET High Speed Power Switching
logo
Renesas Technology Corp
2SK3210 RENESAS-2SK3210 Datasheet
156Kb / 9P
   Silicon N Channel MOS FET High Speed Power Switching
logo
Hitachi Semiconductor
2SK3210L HITACHI-2SK3210L Datasheet
35Kb / 5P
   Silicon N Channel MOS FET High Speed Power Switching
logo
Renesas Technology Corp
2SK3210L RENESAS-2SK3210L Datasheet
156Kb / 9P
   Silicon N Channel MOS FET High Speed Power Switching
logo
Inchange Semiconductor ...
2SK3210L ISC-2SK3210L Datasheet
327Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - 2SK3210(L)_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
H7N0608LD RENESAS-H7N0608LD Datasheet
118Kb / 12P
   Silicon N Channel MOS FET High Speed Power Switching
H5N1503P RENESAS-H5N1503P Datasheet
81Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJK6015DPK RENESAS-RJK6015DPK Datasheet
107Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
H7N0310LD RENESAS-H7N0310LD Datasheet
131Kb / 14P
   Silicon N Channel MOS FET High Speed Power Switching
2SK2788 RENESAS-2SK2788_11 Datasheet
82Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJK5013DPE RENESAS-RJK5013DPE_15 Datasheet
89Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJL5014DPK RENESAS-RJL5014DPK_15 Datasheet
89Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
H5N5006DL RENESAS-H5N5006DL_15 Datasheet
113Kb / 10P
   Silicon N Channel MOS FET High Speed Power Switching
H7N1005LD RENESAS-H7N1005LD_15 Datasheet
145Kb / 11P
   Silicon N Channel MOS FET High Speed Power Switching
HAT2179R RENESAS-HAT2179R_15 Datasheet
126Kb / 9P
   Silicon N Channel MOS FET High Speed Power Switching
H7N1005DL RENESAS-H7N1005DL_15 Datasheet
139Kb / 11P
   Silicon N Channel MOS FET High Speed Power Switching
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com