Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

I5128-L Datasheet(PDF) 7 Page - Taiwan Memory Technology

Part # I5128-L
Description  High-Speed USB Flash Disk Controller
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TMT [Taiwan Memory Technology]
Direct Link  http://www.tmtech.com.tw
Logo TMT - Taiwan Memory Technology

I5128-L Datasheet(HTML) 7 Page - Taiwan Memory Technology

  I5128-L Datasheet HTML 1Page - Taiwan Memory Technology I5128-L Datasheet HTML 2Page - Taiwan Memory Technology I5128-L Datasheet HTML 3Page - Taiwan Memory Technology I5128-L Datasheet HTML 4Page - Taiwan Memory Technology I5128-L Datasheet HTML 5Page - Taiwan Memory Technology I5128-L Datasheet HTML 6Page - Taiwan Memory Technology I5128-L Datasheet HTML 7Page - Taiwan Memory Technology I5128-L Datasheet HTML 8Page - Taiwan Memory Technology I5128-L Datasheet HTML 9Page - Taiwan Memory Technology  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
i5128-L
Create
ISP
Suspend current
550
uA
NOTE: We measure the overall current of a reference module with one Samsung K9F1G08U0M.
DC Characteristics of Built-in Power-On-Reset
i5128-L builds in voltage detector to detect power ramp-up and then generates reset singal to
internal logic, thus external POR device can be eliminated.
Symbol
Parameter
Min
Typ
Max
Units
V33start
3.3V threshold of built-in voltage detector
2.1
V
tIR
De-assert time of internal reset
30
ms
VDDR
Reset to
internal logic
V
33start
t
IR
3.3V
Release date: 2006/08/18
© 2006 iCreate Technologies Corporation
Page 5
This document contains preliminary information on product but not yet fully characterized.
iCreate Technologies Corporation reserves the right to change the specification in any manner without notice.


Similar Part No. - I5128-L

ManufacturerPart #DatasheetDescription
logo
Taiwan Memory Technolog...
I5127-L TMT-I5127-L Datasheet
98Kb / 9P
   High-Speed USB Flash Disk Controller
logo
MicroPower Direct, LLC
I512ERW MPD-I512ERW Datasheet
178Kb / 2P
   Ultra-Miniature 5W Single & Dual Output DC/DC Converters
I512RU MPD-I512RU Datasheet
165Kb / 2P
   4:1 Input, 5W Ultra-Miniature DC/DC Converters
More results

Similar Description - I5128-L

ManufacturerPart #DatasheetDescription
logo
Taiwan Memory Technolog...
I5127-L TMT-I5127-L Datasheet
98Kb / 9P
   High-Speed USB Flash Disk Controller
logo
List of Unclassifed Man...
PL-2515 ETC1-PL-2515 Datasheet
31Kb / 1P
   Hi-Speed USB Flash Disk Controller
logo
Taiwan Memory Technolog...
I5062-ZD TMT-I5062-ZD Datasheet
134Kb / 8P
   USB Flash Disk Controller
logo
List of Unclassifed Man...
I5062-ZD ETC1-I5062-ZD Datasheet
129Kb / 8P
   USB Flash Disk Controller
PL-2518 ETC1-PL-2518 Datasheet
290Kb / 2P
   Turbo Hi-Speed USB Flash Disk Controller
AU9384 ETC-AU9384 Datasheet
461Kb / 24P
   USB Flash Disk Controller
logo
Taiwan Memory Technolog...
I5068-Z TMT-I5068-Z Datasheet
132Kb / 8P
   USB Flash Disk Controller
logo
List of Unclassifed Man...
I5068-Z ETC2-I5068-Z Datasheet
124Kb / 7P
   USB Flash Disk Controller
AU9386 ETC2-AU9386 Datasheet
156Kb / 17P
   USB Flash Disk Controller
MW6208 ETC-MW6208 Datasheet
401Kb / 18P
   USB 2.0 FLASH DISK CONTROLLER
Revision 1.0 May 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com