Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FYM-7571BX-11 Datasheet(PDF) 1 Page - Ningbo Foryard Optoelectronics Co., Ltd.

Part # FYM-7571BX-11
Description  0.70 inch (17.80mm) Matrix height, Dot Matrix Display
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORYARD [Ningbo Foryard Optoelectronics Co., Ltd.]
Direct Link  http://www.foryard.com
Logo FORYARD - Ningbo Foryard Optoelectronics Co., Ltd.

FYM-7571BX-11 Datasheet(HTML) 1 Page - Ningbo Foryard Optoelectronics Co., Ltd.

  FYM-7571BX-11 Datasheet HTML 1Page - Ningbo Foryard Optoelectronics Co., Ltd. FYM-7571BX-11 Datasheet HTML 2Page - Ningbo Foryard Optoelectronics Co., Ltd. FYM-7571BX-11 Datasheet HTML 3Page - Ningbo Foryard Optoelectronics Co., Ltd. FYM-7571BX-11 Datasheet HTML 4Page - Ningbo Foryard Optoelectronics Co., Ltd. FYM-7571BX-11 Datasheet HTML 5Page - Ningbo Foryard Optoelectronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Model No.
Rev.
NINGBO FORYARD OPTOELECTRONICS CO.,LTD
Add:NO.115 Qixin Road Ningbo Zhejiang China
Zip:315051
Tel: 0086-574-87933652 87927870 87922206
Fax: 0086-574-87927917
E-mail:Sales@foryard.com
( General)
Http://www.foryard.com
Page: 1/5
FYM-7571A/BX-XX
A
CUSTOMER APPROVED
SIGNATURES
CHECKED BY
APPROVED BY
■RoHS compliant.
■5*7 Array with X-Y Select.
Descriptions & Features:
■0.70 inch (17.80mm) Matrix height, Dot Matrix Display
■Case mold type.
PREPARED BY
PRODUCT SPECIFICATION
Model No.:
:FYM-7571A/BX-XX
■Low current operation
■Low power consumption.
Http://www.foryard.com
■Easy mounting on P.C. board or socket.


Similar Part No. - FYM-7571BX-11

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYM-7571BW FORYARD-FYM-7571BW Datasheet
422Kb / 5P
   DOTMATRIX DISPLAY
FYM-7571BW-0 FORYARD-FYM-7571BW-0 Datasheet
422Kb / 5P
   DOTMATRIX DISPLAY
FYM-7571BW-1 FORYARD-FYM-7571BW-1 Datasheet
422Kb / 5P
   DOTMATRIX DISPLAY
FYM-7571BW-2 FORYARD-FYM-7571BW-2 Datasheet
422Kb / 5P
   DOTMATRIX DISPLAY
FYM-7571BW-3 FORYARD-FYM-7571BW-3 Datasheet
422Kb / 5P
   DOTMATRIX DISPLAY
More results

Similar Description - FYM-7571BX-11

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYM-7571CX-00 FORYARD-FYM-7571CX-00 Datasheet
431Kb / 5P
   0.70 inch (17.80mm) Matrix height, Dot Matrix Display
FYM-7571A-BW-X5 FORYARD-FYM-7571A-BW-X5 Datasheet
431Kb / 5P
   0.70 inch (17.80mm) Matrix height, Dot Matrix Display
FYM-7881AW-X5 FORYARD-FYM-7881AW-X5 Datasheet
508Kb / 5P
   0.70 inch (20.20mm) Matrix height, Dot Matrix Display
logo
BetLux Electronics
BL-M07C571 BETLUX-BL-M07C571 Datasheet
342Kb / 5P
   17.80mm (0.7) :u1.8 dot matrix LED display
BL-M07A571 BETLUX-BL-M07A571 Datasheet
343Kb / 5P
   17.80mm (0.7) : u1.8 dot matrix LED display
logo
Ningbo Foryard Optoelec...
FYM-30571AXX-00 FORYARD-FYM-30571AXX-00 Datasheet
494Kb / 5P
   3.0 inch (79.80mm) Matrix height, Dot Matrix Display
FYM-46581AX-00 FORYARD-FYM-46581AX-00 Datasheet
456Kb / 5P
   4.6 inch (121.50mm) Matrix height, Dot Matrix Display
FYM-20571AX-00 FORYARD-FYM-20571AX-00 Datasheet
454Kb / 5P
   2.0 inch (53.10mm) Matrix height, Dot Matrix Display
FYM-40571AX-00 FORYARD-FYM-40571AX-00 Datasheet
449Kb / 5P
   4.0 inch (106.50mm) Matrix height, Dot Matrix Display
FYM-12572AX-00 FORYARD-FYM-12572AX-00 Datasheet
423Kb / 5P
   1.2 inch (31.80mm) Matrix height, Dot Matrix Display
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com