Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FYM-20571AX-02 Datasheet(PDF) 2 Page - Ningbo Foryard Optoelectronics Co., Ltd.

Part # FYM-20571AX-02
Description  2.0 inch (53.10mm) Matrix height, Dot Matrix Display
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORYARD [Ningbo Foryard Optoelectronics Co., Ltd.]
Direct Link  http://www.foryard.com
Logo FORYARD - Ningbo Foryard Optoelectronics Co., Ltd.

FYM-20571AX-02 Datasheet(HTML) 2 Page - Ningbo Foryard Optoelectronics Co., Ltd.

  FYM-20571AX-02 Datasheet HTML 1Page - Ningbo Foryard Optoelectronics Co., Ltd. FYM-20571AX-02 Datasheet HTML 2Page - Ningbo Foryard Optoelectronics Co., Ltd. FYM-20571AX-02 Datasheet HTML 3Page - Ningbo Foryard Optoelectronics Co., Ltd. FYM-20571AX-02 Datasheet HTML 4Page - Ningbo Foryard Optoelectronics Co., Ltd. FYM-20571AX-02 Datasheet HTML 5Page - Ningbo Foryard Optoelectronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Model No.
Rev.
■ -XX: REF Surface / Epoxy color
1
2
3
○ Black ○ Gray
○ Red
○ White ○ Red
○ Green
■ Mechanical Dimensions
Notes:
1. All pins are Φ0.60[.024]mm
2. Dimension in millimeter [inch], tolerance is ±0.25 [.010] and angle is ±1°unless otherwise noted.
3. Bending≤Length*1%.
4.The specifications,characteristics and technical data described in the datasheet are subject to change without prior notice.
Page: 2/5
Model No.:
:FYM-20571A/BX-XX
○ Water Clear
FYM-20571A/BX-XX
A
4
○ Green
○ Yellow
REF Surface Color
○ White
Epoxy Color
Color
Number
0
Http://www.foryard.com


Similar Part No. - FYM-20571AX-02

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYM-20571AXX-00 FORYARD-FYM-20571AXX-00 Datasheet
513Kb / 5P
   2.0 inch (53.10mm) Matrix height, Dot Matrix Display
FYM-20571AXX-01 FORYARD-FYM-20571AXX-01 Datasheet
513Kb / 5P
   2.0 inch (53.10mm) Matrix height, Dot Matrix Display
FYM-20571AXX-02 FORYARD-FYM-20571AXX-02 Datasheet
513Kb / 5P
   2.0 inch (53.10mm) Matrix height, Dot Matrix Display
FYM-20571AXX-03 FORYARD-FYM-20571AXX-03 Datasheet
513Kb / 5P
   2.0 inch (53.10mm) Matrix height, Dot Matrix Display
FYM-20571AXX-04 FORYARD-FYM-20571AXX-04 Datasheet
513Kb / 5P
   2.0 inch (53.10mm) Matrix height, Dot Matrix Display
More results

Similar Description - FYM-20571AX-02

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYM-20571EXX-00 FORYARD-FYM-20571EXX-00 Datasheet
539Kb / 5P
   2.0 inch (53.10mm) Matrix height, Dot Matrix Display
FYM-20571AXX-00 FORYARD-FYM-20571AXX-00 Datasheet
513Kb / 5P
   2.0 inch (53.10mm) Matrix height, Dot Matrix Display
FYM-20571AW-X5 FORYARD-FYM-20571AW-X5 Datasheet
424Kb / 5P
   2.0 inch (53.10mm) Matrix height, Dot Matrix Display
FYM-20571CX-00 FORYARD-FYM-20571CX-00 Datasheet
430Kb / 5P
   2.0 inch (53.10mm) Matrix height, Dot Matrix Display
logo
BetLux Electronics
BL-M20A571 BETLUX-BL-M20A571 Datasheet
342Kb / 5P
   53.10mm (2.0) :u5.0 dot matrix LED display
logo
China Semiconductor Cor...
CSM-57261EG CHINASEMI-CSM-57261EG Datasheet
274Kb / 8P
   2.0 Inch Dot-Matrix Display
logo
Kingbright Corporation
TA20-11GWA KINGBRIGHT-TA20-11GWA Datasheet
149Kb / 4P
   50mm (2.0 INCH) 5x7 DOT MATRIX DISPLAY
TC20-11SRWA KINGBRIGHT-TC20-11SRWA Datasheet
146Kb / 4P
   50mm (2.0 INCH) 5x7 DOT MATRIX DISPLAY
TA20-11YWA KINGBRIGHT-TA20-11YWA Datasheet
149Kb / 4P
   50mm (2.0 INCH) 5x7 DOT MATRIX DISPLAY
TA20-11SRWA KINGBRIGHT-TA20-11SRWA Datasheet
148Kb / 4P
   50mm (2.0 INCH) 5x7 DOT MATRIX DISPLAY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com