Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FYM-20571AX-11 Datasheet(PDF) 4 Page - Ningbo Foryard Optoelectronics Co., Ltd.

Part # FYM-20571AX-11
Description  2.0 inch (53.10mm) Matrix height, Dot Matrix Display
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORYARD [Ningbo Foryard Optoelectronics Co., Ltd.]
Direct Link  http://www.foryard.com
Logo FORYARD - Ningbo Foryard Optoelectronics Co., Ltd.

FYM-20571AX-11 Datasheet(HTML) 4 Page - Ningbo Foryard Optoelectronics Co., Ltd.

  FYM-20571AX-11 Datasheet HTML 1Page - Ningbo Foryard Optoelectronics Co., Ltd. FYM-20571AX-11 Datasheet HTML 2Page - Ningbo Foryard Optoelectronics Co., Ltd. FYM-20571AX-11 Datasheet HTML 3Page - Ningbo Foryard Optoelectronics Co., Ltd. FYM-20571AX-11 Datasheet HTML 4Page - Ningbo Foryard Optoelectronics Co., Ltd. FYM-20571AX-11 Datasheet HTML 5Page - Ningbo Foryard Optoelectronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Model No.
Rev.
Min
5
-40
-40
■ Electrical-Optical Characteristics
Color Code & Chip Characteristics:(Test Condition:IF=20mA)
Typ
H
Red
90nm
2.00
S
Hi Red
20nm
1.80
D
Super Red
20nm
1.90
E
Orange
35nm
1.90
A
Amber
35nm
1.90
Y
Yellow
35nm
1.90
G
Green
10nm
1.90
3.40
2.80
2.80
PG Pure Green
36nm
2.80
W
White
CCT:9500K
2.80
UHR Ultra Hi Red
20nm
1.90
UR Ultra Red
20nm
1.90
UE Ultra Orange
20nm
1.90
UA Ultra Amber
AlGaInP
20nm
1.90
2.50
UY Ultra Yellow
AlGaInP
20nm
1.90
2.50
UG Ultra Green
AlGaInP
30nm
1.90
2.50
PG Ultra Pure Green
InGaN
36nm
2.80
3.80
BG Ultra Bluish Green InGaN
36nm
2.80
3.80
30nm
2.80
30nm
2.80
UW Ultra White
CCT:9500K
2.80
Note:
1.Luminous Intensity is based on the Foryard standards.
2.Pay attention about static for InGaN
Page: 4/5
60nm
3.80
3.80
X=0.29,Y=0.30
B
Blue
InGaN
UB
470nm
3.80
625nm
AlGaInP
AlGaInP
AlGaInP
60~100
Http://www.foryard.com
Dot-to-Dot Luminous Intensity ratio(Iv-M)
1.5:1
610nm
Ultra Blue
60~120
570nm
3.80
460nm
520nm
460nm
3.80
180~200
30~60
80~90~120
50~140~190
30~60~80
260~310
260~310
80~90~120
640nm
2.50
2.50
Ultra brightness
6~12(mw)
4~6(mw)
20~30
590nm
13~18
590nm
InGaN
520nm
505nm
3.80
InGaN
40~100~150
470nm
InGaN
430nm
6~12(mw)
2.50
14~18
570nm
4.40
X=0.29,Y=0.30
3.80
635nm
2.50
GaP
InGaN
0.7~1(mw)
2.50
1
2.50
2.50
GaAsP
2.50
700nm
GaP
26~38
13~18
625nm
GaAsP
610nm
15~20
14~20
GaAsP
2.50
AlGaAs/DH
650nm
AlGaAs/SH
660nm
2.50
Tstr
+85
Operating Temperature
Max
mA
Reverse Voltage
VR
IR=30
Par ameter
Max
Unit
Pulse Current
+85
mA
mW
Storage Temperature
Topr
Emitting Color
Dice
Material
Standard brightness
Forward
Voltage(VF) Unit:V
Peak Wave
Length(λP)
Spectral
Line
halfwidth(∆
λ1/2)
Luminous
Intensity
(Iv)
Unit:mcd
Value
Power Dissipation
Pd
100
Ipeak
150
Duty=0.1mS,1KHz
Forward Current
IF
30
(Ta=25℃)
Test Condition
V
FYM-20571A/BX-XX
A
Model No.:
:FYM-20571A/BX-XX
■ Absolute maximum ratings
Symbol
(Ta=25℃)


Similar Part No. - FYM-20571AX-11

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYM-20571AXX-00 FORYARD-FYM-20571AXX-00 Datasheet
513Kb / 5P
   2.0 inch (53.10mm) Matrix height, Dot Matrix Display
FYM-20571AXX-01 FORYARD-FYM-20571AXX-01 Datasheet
513Kb / 5P
   2.0 inch (53.10mm) Matrix height, Dot Matrix Display
FYM-20571AXX-02 FORYARD-FYM-20571AXX-02 Datasheet
513Kb / 5P
   2.0 inch (53.10mm) Matrix height, Dot Matrix Display
FYM-20571AXX-03 FORYARD-FYM-20571AXX-03 Datasheet
513Kb / 5P
   2.0 inch (53.10mm) Matrix height, Dot Matrix Display
FYM-20571AXX-04 FORYARD-FYM-20571AXX-04 Datasheet
513Kb / 5P
   2.0 inch (53.10mm) Matrix height, Dot Matrix Display
More results

Similar Description - FYM-20571AX-11

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYM-20571EXX-00 FORYARD-FYM-20571EXX-00 Datasheet
539Kb / 5P
   2.0 inch (53.10mm) Matrix height, Dot Matrix Display
FYM-20571AXX-00 FORYARD-FYM-20571AXX-00 Datasheet
513Kb / 5P
   2.0 inch (53.10mm) Matrix height, Dot Matrix Display
FYM-20571AW-X5 FORYARD-FYM-20571AW-X5 Datasheet
424Kb / 5P
   2.0 inch (53.10mm) Matrix height, Dot Matrix Display
FYM-20571CX-00 FORYARD-FYM-20571CX-00 Datasheet
430Kb / 5P
   2.0 inch (53.10mm) Matrix height, Dot Matrix Display
logo
BetLux Electronics
BL-M20A571 BETLUX-BL-M20A571 Datasheet
342Kb / 5P
   53.10mm (2.0) :u5.0 dot matrix LED display
logo
China Semiconductor Cor...
CSM-57261EG CHINASEMI-CSM-57261EG Datasheet
274Kb / 8P
   2.0 Inch Dot-Matrix Display
logo
Kingbright Corporation
TA20-11GWA KINGBRIGHT-TA20-11GWA Datasheet
149Kb / 4P
   50mm (2.0 INCH) 5x7 DOT MATRIX DISPLAY
TC20-11SRWA KINGBRIGHT-TC20-11SRWA Datasheet
146Kb / 4P
   50mm (2.0 INCH) 5x7 DOT MATRIX DISPLAY
TA20-11YWA KINGBRIGHT-TA20-11YWA Datasheet
149Kb / 4P
   50mm (2.0 INCH) 5x7 DOT MATRIX DISPLAY
TA20-11SRWA KINGBRIGHT-TA20-11SRWA Datasheet
148Kb / 4P
   50mm (2.0 INCH) 5x7 DOT MATRIX DISPLAY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com