Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMCJ Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SMCJ
Description  1500W Peak Power Surface Mount TVS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SMCJ Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SMCJ_15 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SMCJ_15 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SMCJ_15 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SMCJ_15 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Elektronische Bauelemente
SMCJ SERIES
Voltage 5V ~ 440V
1500W Peak Power Surface Mount TVS
19-Jul-2013 Rev. E
Page 1 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
A
B
E
G
D
F
C
H
RoHS Compliant Product
A suffix of “-C” specifies halogen-free and lead-free
FEATURES
For surface mount application
Build-in strain relief
Excellent clamping capability
Low profile package
Fast response time: Typically less than 1.0ps from 0 volt to BV min.
Typical IR less than 1mA above 10V
High temperature soldering guaranteed:
260°C / 10 seconds at terminals
MECHANICAL DATA
Case: Molded Plastic
Epoxy: UL 94V-0 rate flame retardant
Lead: Solder-able per MIL-STD-202, method 208 guaranteed
Polarity: Color band denotes cathode end except Bidirectional
Mounting position: Any
Weight: 0.23 grams
PACKAGE INFORMATION
Package
MPQ
Leader Size
SMC
3K
13 inch
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(Rating 25°C ambient temperature unless otherwise specified. Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, de-rate current by 20%.)
Ratings
Symbol
Value
Units
Peak power dissipation with a 10/1000μs waveform
PPK
1500 (Min.)
W
Peak Forward Surge Current @ 8.3ms single Half Sine-Wave
superimposed on rated load (JEDEC method)
1
IFSM
200
A
Maximum instantaneous forward voltage at 100 A for
unidirectional only@ VBR<200V
VF
3.5
V
Power dissipation on infinite heatsink at TL=75°C
PD
6.5
W
Operating and Storage Temperature Range
TJ, TSTG
-55~150
°
C
Notes:
1. Measured on 8.3 ms single half sine-wave or equivalent square wave, duty cycle = 4 pulses per minute maximum
SMC
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
2.75
3.15
E
-
.203
B
6.6
7.11
F
7.75
8.13
C
5.59
6.22
G
0.76
1.27
D
2.00
2.62
H
0.15
0.31


Similar Part No. - SMCJ_15

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SMCJ TSC-SMCJ_15 Datasheet
192Kb / 7P
   1500W, 5V - 170V Surface Mount Transient Voltage Suppressor
More results

Similar Description - SMCJ_15

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SMCJ SECOS-SMCJ Datasheet
430Kb / 4P
   1500W Peak Power Surface Mount TVS
1.5KE SECOS-1.5KE_15 Datasheet
332Kb / 3P
   1500W Peak Power 5.0W Steady State 1500W Peak Power TVS
1.5KE SECOS-1.5KE Datasheet
332Kb / 3P
   Voltage 6.8V ~ 550V 1500W Peak Power / 5.0W Steady State 1500W Peak Power TVS
1.5KE6.8 SECOS-1.5KE6.8 Datasheet
218Kb / 4P
   VOLTAGE 6.8V ~ 440V 1500W Peak Power / 5.0W Steady State 1500W Peak Power TVS
SMAJ SECOS-SMAJ_18 Datasheet
554Kb / 4P
   Peak Power Surface Mount TVS
S6AF SECOS-S6AF Datasheet
271Kb / 4P
   Peak Power Surface Mount TVS
SMBJ SECOS-SMBJ_16 Datasheet
365Kb / 4P
   Peak Power Surface Mount TVS
SMA6J SECOS-SMA6J_18 Datasheet
313Kb / 3P
   Peak Power Surface Mount TVS
S4AF SECOS-S4AF Datasheet
287Kb / 4P
   Peak Power Surface Mount TVS
SSDJ SECOS-SSDJ_15 Datasheet
269Kb / 4P
   200W Peak Power Surface Mount TVS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com