Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RJK4006DPP-M0 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # RJK4006DPP-M0
Description  Silicon N Channel MOS FET High Speed Power Switching
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJK4006DPP-M0 Datasheet(HTML) 4 Page - Renesas Technology Corp

  RJK4006DPP-M0_15 Datasheet HTML 1Page - Renesas Technology Corp RJK4006DPP-M0_15 Datasheet HTML 2Page - Renesas Technology Corp RJK4006DPP-M0_15 Datasheet HTML 3Page - Renesas Technology Corp RJK4006DPP-M0_15 Datasheet HTML 4Page - Renesas Technology Corp RJK4006DPP-M0_15 Datasheet HTML 5Page - Renesas Technology Corp RJK4006DPP-M0_15 Datasheet HTML 6Page - Renesas Technology Corp RJK4006DPP-M0_15 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
RJK4006DPP-M0
Preliminary
R07DS0228EJ0100 Rev.1.00
Page 4 of 6
Dec 14, 2010
050
200
150
100
250
10000
1000
100
800
0
16
600
12
400
8
200
4
816
24
32
40
0
10
1
VGS = 0
f = 1 MHz Tc = 25
°C
Ciss
Coss
Crss
Drain to Source Voltage
VDS (V)
Typical Capacitance vs.
Drain to Source Voltage
Gate Charge
Qg (nC)
Dynamic Input Characteristics (Typical)
0
0.4
0.81.21.62.0
20
8
Source to Drain Voltage
VSD (V)
Reverse Drain Current vs.
Source to Drain Voltage (Typical)
5
4
3
2
1
-25
0
50
100
150
25
125
75
0
Case Temperature
Tc (
°C)
Gate to Source Cutoff Voltage
vs. Case Temperature (Typical)
VDS = 10 V
1 mA
0.1 mA
4
12
16
ID = 8 A
Ta = 25
°C
VDS
VGS
VDD = 100 V
200 V
320 V
VDD = 320 V
200 V
100 V
VGS = 0
Ta = 25
°C
Pulse Test
ID = 10 mA


Similar Part No. - RJK4006DPP-M0_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJK4006DPP-M0-T2 RENESAS-RJK4006DPP-M0-T2 Datasheet
85Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
More results

Similar Description - RJK4006DPP-M0_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
H7N0608LD RENESAS-H7N0608LD Datasheet
118Kb / 12P
   Silicon N Channel MOS FET High Speed Power Switching
H5N1503P RENESAS-H5N1503P Datasheet
81Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJK6015DPK RENESAS-RJK6015DPK Datasheet
107Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
H7N0310LD RENESAS-H7N0310LD Datasheet
131Kb / 14P
   Silicon N Channel MOS FET High Speed Power Switching
2SK2788 RENESAS-2SK2788_11 Datasheet
82Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJK5013DPE RENESAS-RJK5013DPE_15 Datasheet
89Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJL5014DPK RENESAS-RJL5014DPK_15 Datasheet
89Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
H5N5006DL RENESAS-H5N5006DL_15 Datasheet
113Kb / 10P
   Silicon N Channel MOS FET High Speed Power Switching
H7N1005LD RENESAS-H7N1005LD_15 Datasheet
145Kb / 11P
   Silicon N Channel MOS FET High Speed Power Switching
HAT2179R RENESAS-HAT2179R_15 Datasheet
126Kb / 9P
   Silicon N Channel MOS FET High Speed Power Switching
H7N1005DL RENESAS-H7N1005DL_15 Datasheet
139Kb / 11P
   Silicon N Channel MOS FET High Speed Power Switching
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com