Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

P561010 Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part No. P561010
Description  DVI Single Link Cable, Digital TMDS Monitor Cable (DVI-D M-M), 10-ft
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TRIPPLITE [Tripp Lite. All Rights Reserved]
Homepage  http://www.tripplite.com/
Logo 

P561010 Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DVI Single Link Cable, Digital TMDS Monitor Cable
(DVI-D M/M), 10-ft.
MODEL NUMBER: P561-010
Description
Tripp Lite's 10 foot DVI Single Link TMDS cable delivers the high performance, high bandwidth needed for today's digital video displays. Gold plated contacts
ensure excellent conductivity, while double shielding (foil and braid) provides maximum EMI/RFI protection. Both DVI connectors are molded and have integral
strain relief for long life reliability.
Features
Superior molded cables with foil/braid shielding for maximum EMI/RFI protection
Single Link digital signaling for transmission speeds to 4.95Gbps and 1920 x 1200 resolution
Gold plated copper contacts ensure excellent conductivity
Meets DVI DDWG Standard
PC and Mac compatible
For use with Digital CRT displays, Flat Panel Displays, HDTV and Projectors
Specifications
OVERVIEW
Chromebook Compatible
No
Style
DVI
Display Style
Cable
Model Type
DVI
Cable Types
DVI
INPUT
Highlights
Superior molded cables with
foil/braid shielding for maximum
EMI/RFI protection
Compatible with Flat Panel
Displays, Digital CRT Displays
and Projectors
Resolutions up to 1920 x 1200
High Speed Digital Transmission
to 4.95Gbps
System Requirements
Monitor with DVI, and CPU with
Single Link DVI capabilities
Package Includes
DVI Single Link TMDS cable -
DVI-D, M/M, 10'
1 / 2


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn