Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM10100DS1 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SM10100DS1
Description  10A Schottky Barrier Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SM10100DS1 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SM10100DS1_15 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SM10100DS1_15 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
SM10100DS1
VOLTAGE 100 V
10A Schottky Barrier Rectifiers
20-Nov-2014 Rev. A
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Low forward voltage drop
High current capability
High reliability
High surge current capability
Epitaxial construction
MECHANICAL DATA
Case: Molded plastic
Epoxy: UL94V-0 rate flame retardant
Lead: Lead solderable per MIL-STD-202
method 208 guaranteed
Polarity: As Marked
Mounting position: Any
PACKAGE INFORMATION
Package
MPQ
Leader Size
TO-252
2.5K
13 inch
MAXIMUM RATINGS
(Rating 25°C ambient temperature unless otherwise specified. Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, de-rate current by 20%.)
PARAMETER
SYMBOL
RATING
UNIT
Maximum Repetitive Peak Reverse Voltage
VRRM
100
V
Maximum RMS Voltage
VRMS
70
V
Maximum DC Blocking Voltage
VDC
100
V
Maximum Average Forward Rectified Current
IF
10
A
Peak Forward Surge Current, 8.3 ms single half sine-wave
superimposed on rated load
IFSM
150
A
TA=25°C
0.85
Maximum Instantaneous Forward
Voltage @10A
TA=100°C
VF
0.72
V
TA=25°C
0.1
Maximum Reverse Current at Rated
VRRM Per Diode
2
TA=100°C
IR
5
mA
Typical Junction Capacitance
1
CJ
580
pF
Voltage Rate Of Change
dv/dt
10000
V/us
Typical Thermal Resistance
3
RθJC
10
°C/W
Operating & Storage Temperature
TJ ,TSTG
-55~150
°C
NOTES:
1.
Measured at 1MHz and applied reverse voltage of 4.0V D.C..
2.
Plus test: 300uS Pulse width, 2% duty cycle.
3.
Thermal Resistance Junction to Case. FR4 Board Heat sink size: 10*10*0.2mm.
Pin3
Pin1
Pin2
Configuration
TO-252(D-PACK)
A
C
D
N
O
P
G E
F
H
K
J
M
B
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
6.35
6.90
J
2.30 REF.
B
4.95
5.50
K
0.64
1.14
C
2.10
2.50
M
0.50
1.14
D
0.43
0.9
N
1.3
1.8
E
6.0
7.5
O
0
0.13
F
2.80 REF
P
0.58REF.
G
5.40
6.40
H
0.60
1.20


Similar Part No. - SM10100DS1_15

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SM10100DS1 SECOS-SM10100DS1 Datasheet
165Kb / 2P
   10.0 AMP Surface Mount Schottky Barrier Rectifiers
More results

Similar Description - SM10100DS1_15

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
F10S45-THRU-F10S50 FRONTIER-F10S45-THRU-F10S50 Datasheet
499Kb / 2P
   10A SCHOTTKY BARRIER RECTIFIERS
logo
MORE Semiconductor Comp...
MBR10100CT MORESEMI-MBR10100CT Datasheet
590Kb / 2P
   10A Schottky Barrier Rectifiers
MBR10200CT MORESEMI-MBR10200CT Datasheet
692Kb / 2P
   10A Schottky Barrier Rectifiers
logo
SeCoS Halbleitertechnol...
SM10150D1 SECOS-SM10150D1 Datasheet
105Kb / 2P
   10A Schottky Barrier Rectifiers
logo
Frontier Electronics.
SRF10-03 FRONTIER-SRF10-03 Datasheet
126Kb / 2P
   10A SCHOTTKY BARRIER RECTIFIERS
SRF10-03-LFR FRONTIER-SRF10-03-LFR Datasheet
125Kb / 2P
   10A SCHOTTKY BARRIER RECTIFIERS
logo
SeCoS Halbleitertechnol...
SM10150D SECOS-SM10150D_15 Datasheet
489Kb / 2P
   10A Schottky Barrier Rectifiers
SM10200D SECOS-SM10200D_15 Datasheet
249Kb / 2P
   10A Schottky Barrier Rectifiers
logo
MORE Semiconductor Comp...
MBR10200FCT MORESEMI-MBR10200FCT Datasheet
706Kb / 2P
   10A Schottky Barrier Rectifiers
logo
Pan Jit International I...
MBR10100FAT PANJIT-MBR10100FAT Datasheet
198Kb / 4P
   10A SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com