Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM5100B Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SM5100B
Description  5.0Amp Schottky Barrier Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SM5100B Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SM5100B_15 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SM5100B_15 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
SM5100B
Voltage 100V
5.0Amp Schottky Barrier Rectifiers
20-Dec-2013 Rev.D
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
High Current Capability
Extremely Low Thermal Resistance
For Surface Mount Application
Higher Temp Soldering : 250°C for 10 Seconds at Terminals
Low Revise Current
MECHANICAL DATA
Case: Molded Plastic
Epoxy: UL 94V-0 Rate Flame Retardant
Lead: Axial Leads, Solderable per MIL-STD-202
method 208 Guaranteed
Polarity: Color Band Denotes Cathode End
Mounting Position: Any
PACKAGE INFORMATION
Package
MPQ
Leader Size
SMB
3K
13’ inch
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(Rating 25°C ambient temperature unless otherwise specified. Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, de-rate current by 20%.)
Parameter
Symbol
Ratings
Unit
Peak Repetitive Peak reverse voltage
VRRM
100
V
Working Peak Reverse Voltage
VRWM
100
V
Maximum DC Blocking Voltage
VR
100
V
Average Forward Current @TJ=25°C
IF(AV)
5
A
Peak Forward Current @ 8.3 ms Half Sine
IFSM
125
A
IFM = 5.0 A, TA = 25°C
0.82
IFM = 5.0 A, TA = 75°C
0.73
Maximum Instantaneous Forward
Voltage
IFM = 5.0 A, TA = 125°C
VF
0.65
V
TJ = 25°C
100
Maximum DC Reverse Current
At Rated DC Blocking Voltage
4
TJ = 100°C
IR
800
μA
Typical Junction Capacitance
1
CJ
350
pF
Typical Thermal Resistance
2
RθJA
60
°C/W
Typical Thermal Resistance
3
RθJC
20
°C/W
Device Power Dissipation
PD
2
W
Voltage Rate of Chance (Rated VR)
dv/dt
10000
V / μs
Operating Temperature Range
TJ
-50~150
°C
Storage temperature
TSTG
-65~150
°C
Notes:
1.
Measured at 1MHz and applied reverse voltage of 5.0 V D.C.
2.
Thermal Resistance Junction to Ambient.
3.
Thermal Resistance Junction to Case.
4.
Pulse Test:Pulse Width ≦ 300 μs, Duty Cycle
2.
0%.
SMB
A
B
E
G
D
F
C
H
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
1.91
2.20
E
-
0.203
B
4.06
4.70
F
5.08
5.59
C
3.30
3.94
G
0.76
1.52
D
2.13
2.44
H
0.15
0.305


Similar Part No. - SM5100B_15

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
SM5100BF AITSEMI-SM5100BF Datasheet
566Kb / 5P
   SCHOTTKY DIODES REVERSE VOLTAGE 20 TO 200V FORWARD CURRENT 5.0A
REV1.0
logo
Leshan Radio Company
SM5100BF-E LRC-SM5100BF-E_15 Datasheet
243Kb / 9P
   Schottky Barrier Rectifiers
SM5100BF LRC-SM5100BF_15 Datasheet
302Kb / 9P
   Schottky Barrier Rectifiers
logo
SeCoS Halbleitertechnol...
SM5100BM SECOS-SM5100BM Datasheet
310Kb / 2P
   Voltage 20 ~ 200 V 5.0 AMP Surface Mount Schottky Barrier Rectifiers
More results

Similar Description - SM5100B_15

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SDR5100SF SECOS-SDR5100SF_15 Datasheet
383Kb / 2P
   5.0AMP Schottky Barrier Rectifiers
SM560A SECOS-SM560A Datasheet
339Kb / 2P
   5.0Amp Schottky Barrier Rectifiers
SP0560S SECOS-SP0560S Datasheet
479Kb / 2P
   5.0AMP Schottky Barrier Rectifiers
SR5150S SECOS-SR5150S_15 Datasheet
125Kb / 2P
   5.0AMP Schottky Barrier Rectifiers
SM5100B SECOS-SM5100B Datasheet
561Kb / 2P
   5.0Amp Schottky Barrier Rectifiers
SDR5200S SECOS-SDR5200S Datasheet
715Kb / 2P
   5.0AMP Schottky Barrier Rectifiers
SM540A SECOS-SM540A Datasheet
236Kb / 2P
   5.0Amp Schottky Barrier Rectifiers
logo
Cystech Electonics Corp...
SB5150 CYSTEKEC-SB5150 Datasheet
519Kb / 3P
   5.0Amp Schottky Barrier Rectifiers
logo
SeCoS Halbleitertechnol...
SR520 SECOS-SR520 Datasheet
215Kb / 2P
   5.0AMP Schottky Barrier Rectifiers
SDR5200SF SECOS-SDR5200SF_15 Datasheet
701Kb / 2P
   5.0AMP Schottky Barrier Rectifiers
SP05100S SECOS-SP05100S Datasheet
803Kb / 2P
   5.0AMP Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com