Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P502075 Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # P502075
Description  VGA Coax Monitor Cable, High Resolution Cable with RGB Coax (HD15 M/M) 75-ft
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

P502075 Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  P502075 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved P502075 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
VGA Coax Monitor Cable, High Resolution Cable
with RGB Coax (HD15 M/M) 75-ft.
MODEL NUMBER: P502-075
Description
Tripp Lite's 75-foot SVGA/VGA monitor replacement cable is the gold standard in video cables. The mini-coax (RGB) and paired video wire construction
delivers superior signal quality. Gold plated connectors and gold plated copper contacts ensure excellent conductivity. Double shielding (foil and braid)
provides maximum EMI/RFI protection. Both high density DB15 male connectors are molded and have integral strain relief to ensure they last a long time.
Features
75ft SVGA/VGA Male-Male Cable
Superior molded cables with foil-shielding for maximum EMI/RFI protection
Resolutions up to 2048 X 1536
Constructed from mini-coax (RGB) and paired video wire construction for superior signal quality.
Gold plated connectors and gold plated copper contacts ensure excellent conductivity.
HD15 male to HD15 male molded connectors
Specifications
OVERVIEW
Chromebook Compatible
No
Style
Monitor Cables
Display Style
Cable
Model Type
VGA
Cable Types
MONITOR
INPUT
Highlights
75ft SVGA/VGA Male-Male Cable
Superior molded cables with
foil-shielding for maximum
EMI/RFI protection
Resolutions up to 2048 X 1536
1 / 2


Similar Part No. - P502075

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
P5020 FREESCALE-P5020 Datasheet
112Kb / 2P
   QorIQ P5020/P5010 Processors
P5020 FREESCALE-P5020 Datasheet
112Kb / 2P
   P5020/P5010 Processors
logo
Tripp Lite. All Rights ...
P502001 TRIPPLITE-P502001 Datasheet
485Kb / 2P
   VGA Coax Monitor Cable, High Resolution Cable with RGB Coax (HD15 M/M), 1-ft
P502003 TRIPPLITE-P502003 Datasheet
491Kb / 2P
   VGA Coax Monitor Cable, High Resolution Cable with RGB Coax (HD15 M/M), 3-ft
P502003RA TRIPPLITE-P502003RA Datasheet
496Kb / 2P
   VGA Coax Right-Angle Monitor Cable, High Resolution Cable with RGB Coax (HD15 M-M), 3-ft
More results

Similar Description - P502075

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P502010 TRIPPLITE-P502010 Datasheet
489Kb / 2P
   VGA Coax Monitor Cable, High Resolution Cable with RGB Coax (HD15 M/M), 10-ft
P502006 TRIPPLITE-P502006 Datasheet
490Kb / 2P
   VGA Coax Monitor Cable, High Resolution Cable with RGB Coax (HD15 M/M), 6-ft
P502035 TRIPPLITE-P502035 Datasheet
490Kb / 2P
   VGA Coax Monitor Cable, High Resolution Cable with RGB Coax (HD15 M-M), 35-ft
P502100 TRIPPLITE-P502100 Datasheet
490Kb / 2P
   VGA Coax Monitor Cable, High Resolution Cable with RGB Coax (HD15 M-M), 100-ft
P502001 TRIPPLITE-P502001 Datasheet
485Kb / 2P
   VGA Coax Monitor Cable, High Resolution Cable with RGB Coax (HD15 M/M), 1-ft
P502025 TRIPPLITE-P502025 Datasheet
490Kb / 2P
   VGA Coax Monitor Cable, High Resolution Cable with RGB Coax (HD15 M-M), 25-ft
P502020 TRIPPLITE-P502020 Datasheet
489Kb / 2P
   VGA Coax Monitor Cable, High Resolution Cable with RGB Coax (HD15 M-M), 20-ft
P502030 TRIPPLITE-P502030 Datasheet
490Kb / 2P
   VGA Coax Monitor Cable, High Resolution Cable with RGB Coax (HD15 M-M) 30-ft
P502015 TRIPPLITE-P502015 Datasheet
490Kb / 2P
   VGA Coax Monitor Cable, High Resolution Cable with RGB Coax (HD15 M/M), 15-ft
P502050 TRIPPLITE-P502050 Datasheet
490Kb / 2P
   VGA Coax Monitor Cable, High Resolution Cable with RGB Coax (HD15 M-M), 50-ft
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com