Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RJH1CF6RDPQ-80 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # RJH1CF6RDPQ-80
Description  Silicon N Channel IGBT High Speed Power Switching
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJH1CF6RDPQ-80 Datasheet(HTML) 3 Page - Renesas Technology Corp

  RJH1CF6RDPQ-80_15 Datasheet HTML 1Page - Renesas Technology Corp RJH1CF6RDPQ-80_15 Datasheet HTML 2Page - Renesas Technology Corp RJH1CF6RDPQ-80_15 Datasheet HTML 3Page - Renesas Technology Corp RJH1CF6RDPQ-80_15 Datasheet HTML 4Page - Renesas Technology Corp RJH1CF6RDPQ-80_15 Datasheet HTML 5Page - Renesas Technology Corp RJH1CF6RDPQ-80_15 Datasheet HTML 6Page - Renesas Technology Corp RJH1CF6RDPQ-80_15 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
RJH1CF6RDPQ-80
Preliminary
R07DS0356EJ0100 Rev.1.00
Page 3 of 6
May 12, 2010
Main Characteristics
0
20
60
40
80
Collector to Emitter Saturation Voltage
vs. Junction Temparature (Typical)
Junction Temparature Tj (°C)
Typical Output Characteristics
12345
0
0
Collector to Emitter Voltage VCE (V)
Collector to Emitter Voltage VCE (V)
Collector to Emitter Saturation Voltage
vs. Gate to Emitter Voltage (Typical)
Gate to Emitter Voltage VGE (V)
Typical Transfer Characteristics
02468
10
VCE = 10 V
Pulse Test
Gate to Emitter Voltage VGE (V)
25°C
–25
°C
Tc = 75
°C
Gate to Emitter Cutoff Voltage
vs. Junction Temparature (Typical)
Junction Temparature Tj (°C)
Maximum Safe Operation Area
1000
100
1
10
0.01
0.1
1100
10
10000
1000
Tc = 25
°C
Single pulse
PW = 10
μs
1
3
2
4
5
6
8
10
12
20
16
18
14
IC = 100 A
0
1
2
3
4
5
−25
0
25
75
125
50
100
150
VGE = 15 V
Pulse Test
55 A
30 A
IC = 100 A
0
2
6
4
8
10
20
60
40
80
100
−25
0
25
75
125
50
100
150
VCE = 10 V
Pulse Test
1 mA
IC = 10 mA
Ta = 25°C
Pulse Test
55 A
30 A
Ta = 25°C
Pulse Test
V
GE = 7 V
7.4 V
7.6 V
7.8 V
8.2 V
8.4 V
7.2 V
9 V
8 V
15 V
20 V
10 V


Similar Part No. - RJH1CF6RDPQ-80_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJH1CF6RDPQ-80 RENESAS-RJH1CF6RDPQ-80 Datasheet
105Kb / 7P
   Silicon N Channel IGBT High Speed Power Switching
More results

Similar Description - RJH1CF6RDPQ-80_15

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SH28 HITACHI-2SH28 Datasheet
43Kb / 8P
   Silicon N Channel IGBT High Speed Power Switching
2SH30 HITACHI-2SH30 Datasheet
43Kb / 8P
   Silicon N Channel IGBT High Speed Power Switching
logo
Renesas Technology Corp
RJP6065DPM RENESAS-RJP6065DPM_15 Datasheet
99Kb / 8P
   Silicon N Channel IGBT High Speed Power Switching
RJH1CF5RDPQ-80 RENESAS-RJH1CF5RDPQ-80 Datasheet
105Kb / 7P
   Silicon N Channel IGBT High Speed Power Switching
RJH1CF7RDPQ-80 RENESAS-RJH1CF7RDPQ-80 Datasheet
105Kb / 7P
   Silicon N Channel IGBT High Speed Power Switching
RJP30K3DPP-M0 RENESAS-RJP30K3DPP-M0 Datasheet
99Kb / 7P
   Silicon N Channel IGBT High Speed Power Switching
RJP63K2DPK-M0 RENESAS-RJP63K2DPK-M0 Datasheet
160Kb / 7P
   Silicon N Channel IGBT High speed power switching
RJP60D0DPP-M0 RENESAS-RJP60D0DPP-M0 Datasheet
85Kb / 7P
   Silicon N Channel IGBT High Speed Power Switching
RJH60F0DPQ-A0 RENESAS-RJH60F0DPQ-A0 Datasheet
112Kb / 8P
   Silicon N Channel IGBT High Speed Power Switching
RJH1BF6RDPQ-80 RENESAS-RJH1BF6RDPQ-80 Datasheet
107Kb / 7P
   Silicon N Channel IGBT High Speed Power Switching
RJH1CF6RDPQ-80 RENESAS-RJH1CF6RDPQ-80 Datasheet
105Kb / 7P
   Silicon N Channel IGBT High Speed Power Switching
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com