Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

P502025 Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part No. P502025
Description  VGA Coax Monitor Cable, High Resolution Cable with RGB Coax (HD15 M-M), 25-ft
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

P502025 Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  P502025 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved P502025 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
VGA Coax Monitor Cable, High Resolution Cable
with RGB Coax (HD15 M/M), 25-ft.
MODEL NUMBER: P502-025
Description
Tripp Lite's 25 foot SVGA/VGA monitor replacement cable is the gold standard in video cables. The mini-coax (RGB) and paired video wire construction
delivers superior signal quality. Gold plated connectors and gold plated copper contacts ensure excellent conductivity. Double shielding (foil and braid)
provides maximum EMI/RFI protection. Both high density DB15 male connectors are molded and have integral strain relief to ensure they last a long time.
Features
Superior molded cables with foil-shielding for maximum EMI/RFI protection
Constructed from mini-coax (RGB) and paired video wire construction for superior signal quality.
Gold plated connectors and gold plated copper contacts ensure excellent conductivity.
HD15 male to HD15 male molded connectors
Resolutions up to 2048 x 1536
Specifications
OVERVIEW
Chromebook Compatible
No
Style
Monitor Cables
Display Style
Cable
Model Type
VGA
Cable Types
MONITOR
INPUT
Cable Length (ft.)
25
Highlights
Superior molded cables with
foil-shielding for maximum
EMI/RFI protection
Gold plated connectors and gold
plated copper contacts ensure
excellent conductivity
Resolutions up to 2048 x 1536
System Requirements
Monitor with removable HD15
cable
Switchbox w/HD15F to CPU
w/HD15F
Package Includes
25-ft. SVGA/VGA Monitor Cable
HD15M to HD15M Gold
Connectors w/ RGB Coax
1 / 2


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn