Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRFP17N50L Datasheet(PDF) 5 Page - International Rectifier

Part # IRFP17N50L
Description  Power MOSFET(Vdss=500V, Rds(on)typ.=0.28ohm, Id=16A)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFP17N50L Datasheet(HTML) 5 Page - International Rectifier

  IRFP17N50L Datasheet HTML 1Page - International Rectifier IRFP17N50L Datasheet HTML 2Page - International Rectifier IRFP17N50L Datasheet HTML 3Page - International Rectifier IRFP17N50L Datasheet HTML 4Page - International Rectifier IRFP17N50L Datasheet HTML 5Page - International Rectifier IRFP17N50L Datasheet HTML 6Page - International Rectifier IRFP17N50L Datasheet HTML 7Page - International Rectifier IRFP17N50L Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
IRFP17N50L
www.irf.com
5
Fig 10a. Switching Time Test Circuit
VDS
90%
10%
VGS
td(on)
tr
td(off) tf
Fig 10b. Switching Time Waveforms
VDS
Pulse Width
≤ 1 µs
Duty Factor
≤ 0.1 %
RD
VGS
RG
D.U.T.
10V
+
-VDD
Fig 11. Maximum Effective Transient Thermal Impedance, Junction-to-Case
Fig 9. Maximum Drain Current Vs.
Case Temperature
25
50
75
100
125
150
0
4
8
12
16
20
T , Case Temperature ( C)
°
C
0.001
0.01
0.1
1
0.00001
0.0001
0.001
0.01
0.1
1

Notes:
1. Duty factor D = t / t
2. Peak T = P
x Z
+ T
1
2
J
DM
thJC
C

P
t
t
DM
1
2
t , Rectangular Pulse Duration (sec)
1
0.01
0.02
0.05
0.10
0.20
D = 0.50

SINGLE PULSE
(THERMAL RESPONSE)


Similar Part No. - IRFP17N50L

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IRFP17N50L VISHAY-IRFP17N50L Datasheet
845Kb / 8P
   Power MOSFET
S-Pending-Rev. A, 16-Jun-08
logo
Inchange Semiconductor ...
IRFP17N50L ISC-IRFP17N50L Datasheet
444Kb / 2P
   iscN-Channel MOSFET Transistor
logo
Vishay Siliconix
IRFP17N50L VISHAY-IRFP17N50L Datasheet
212Kb / 11P
   Power MOSFET
09-Jul-2021
IRFP17N50L VISHAY-IRFP17N50L Datasheet
234Kb / 10P
   Power MOSFET
01-Jan-2022
logo
International Rectifier
IRFP17N50LPBF IRF-IRFP17N50LPBF Datasheet
188Kb / 8P
   SMPS MOSFET HEXFET짰Power MOSFET
More results

Similar Description - IRFP17N50L

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFP17N50LS IRF-IRFP17N50LS Datasheet
118Kb / 8P
   Power MOSFET(Vdss=500V, Rds(on)typ.=0.28ohm, Id=16A)
IRFB17N50L IRF-IRFB17N50L Datasheet
82Kb / 8P
   Power MOSFET(Vdss=500V, Rds(on)typ.=0.28ohm, Id=16A)
IRFB17N50LPBF IRF-IRFB17N50LPBF Datasheet
180Kb / 8P
   SMPS MOSFET ( VDSS=500V , RDS(on)typ.=0.28廓 , ID=16A )
IRFPS43N50K IRF-IRFPS43N50K Datasheet
99Kb / 8P
   Power MOSFET(Vdss=500V, Rds(on)typ.=0.078ohm, Id=47A)
IRFPS40N50L IRF-IRFPS40N50L Datasheet
111Kb / 8P
   Power MOSFET(Vdss=500V, Rds(on)typ.=0.087ohm, Id=46A)
IRFP32N50K IRF-IRFP32N50K Datasheet
94Kb / 8P
   Power MOSFET(Vdss=500V, Rds(on)typ.=0.135ohm, Id=32A)
IRFP31N50L IRF-IRFP31N50L Datasheet
95Kb / 8P
   Power MOSFET(Vdss=500V, Rds(on)typ.=0.15ohm, Id=31A)
IRFD9024 IRF-IRFD9024 Datasheet
178Kb / 6P
   Power MOSFET(Vdss=-60V, Rds(on)=0.28ohm, Id=-1.6A)
IRFR9024 IRF-IRFR9024 Datasheet
173Kb / 6P
   Power MOSFET(Vdss=-60V, Rds(on)=0.28ohm, Id=-8.8A)
IRF644 IRF-IRF644 Datasheet
173Kb / 6P
   Power MOSFET(Vdss=250V, Rds(on)=0.28ohm, Id=14A)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com