Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NP100N04NUJ Datasheet(PDF) 3 Page - Renesas Technology Corp

Part No. NP100N04NUJ
Description  MOS FIELD EFFECT TRANSISTOR
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RENESAS [Renesas Technology Corp]
Homepage  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

NP100N04NUJ Datasheet(HTML) 3 Page - Renesas Technology Corp

  NP100N04NUJ_15 Datasheet HTML 1Page - Renesas Technology Corp NP100N04NUJ_15 Datasheet HTML 2Page - Renesas Technology Corp NP100N04NUJ_15 Datasheet HTML 3Page - Renesas Technology Corp NP100N04NUJ_15 Datasheet HTML 4Page - Renesas Technology Corp NP100N04NUJ_15 Datasheet HTML 5Page - Renesas Technology Corp NP100N04NUJ_15 Datasheet HTML 6Page - Renesas Technology Corp NP100N04NUJ_15 Datasheet HTML 7Page - Renesas Technology Corp NP100N04NUJ_15 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
NP100N04NUJ
Chapter Title
R07DS0364EJ0100 Rev.1.00
Page 3 of 6
Jun 13, 2011
Typical Characteristics (TA = 25
°C)
DERATING FACTOR OF FORWARD BIAS SAFE
OPERATING AREA
TOTAL POWER DISSIPATION vs.
CASE TEMPERATURE
0
20
40
60
80
100
120
0
25
50
75
100 125 150 175
TC - Case Temperature -
°C
0
50
100
150
200
250
0
25
50
75
100 125 150 175
TC - Case Temperature -
°C
FORWARD BIAS SAFE OPERATING AREA
0.1
1
10
100
1000
0.1
1
10
100
RDS(ON) Limited
(VGS = 10 V)
10 ms
1 ms
TC = 25°C
Single Pulse
Power Disspation Limited
ID(Pulse)
ID(DC)
DC
PW
= 10
0 μs
Secondary Brakedown
Limited
VDS - Drain to Source Voltage - V
TRANSIENT THERMAL RESISTANCE vs. PULSE WIDTH
0.001
0.01
0.1
1
10
100
1000
Rth(ch-A) = 83.3°C/W
Rth(ch-C) = 0.68°C/W
Single Pulse
PW - Pulse Width - s
1 m
10 m
100 m
1
10
100
1000


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn