Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NP100N04NUJ Datasheet(PDF) 5 Page - Renesas Technology Corp

Part No. NP100N04NUJ
Description  MOS FIELD EFFECT TRANSISTOR
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RENESAS [Renesas Technology Corp]
Homepage  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

NP100N04NUJ Datasheet(HTML) 5 Page - Renesas Technology Corp

  NP100N04NUJ_15 Datasheet HTML 1Page - Renesas Technology Corp NP100N04NUJ_15 Datasheet HTML 2Page - Renesas Technology Corp NP100N04NUJ_15 Datasheet HTML 3Page - Renesas Technology Corp NP100N04NUJ_15 Datasheet HTML 4Page - Renesas Technology Corp NP100N04NUJ_15 Datasheet HTML 5Page - Renesas Technology Corp NP100N04NUJ_15 Datasheet HTML 6Page - Renesas Technology Corp NP100N04NUJ_15 Datasheet HTML 7Page - Renesas Technology Corp NP100N04NUJ_15 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
NP100N04NUJ
Chapter Title
R07DS0364EJ0100 Rev.1.00
Page 5 of 6
Jun 13, 2011
DRAIN TO SOURCE ON-STATE RESISTANCE vs.
CHANNEL TEMPERATURE
CAPACITANCE vs. DRAIN TO SOURCE VOLTAGE
0
1
2
3
4
5
-100
-50
0
50
100
150
200
VGS = 10 V
ID = 50 A
Pulsed
Tch - Channel Temperature -
°C
100
1000
10000
100000
0.01
0.1
1
10
100
Ciss
Coss
Crss
VGS = 0 V
f = 1 MHz
VDS - Drain to Source Voltage - V
SWITCHING CHARACTERISTICS
DYNAMIC INPUT/OUTPUT CHARACTERISTICS
1
10
100
1000
0.1
1
10
100
VDD = 20 V
VGS = 10 V
RG = 0 Ω
td(off)
td(on)
tr
tf
ID - Drain Current - A
0
5
10
15
20
25
30
35
40
45
50
0
2040
6080
100
120
0
1
2
3
4
5
6
7
8
9
10
VGS
VDS
VDD = 32 V
20 V
8 V
ID = 100 A
QG - Gate Charge - nC
SOURCE TO DRAIN DIODE FORWARD VOLTAGE
REVERSE RECOVERY TIME vs.
DRAIN CURRENT
0.1
1
10
100
1000
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
Pulsed
0 V
VGS = 10 V
VF(S-D) - Source to Drain Voltage - V
1
10
100
0.1
1
10
100
di/dt = 100 A/μs
VGS = 0 V
IF - Drain Current - A


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn