Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRFN9140 Datasheet(PDF) 3 Page - International Rectifier

Part # IRFN9140
Description  POWER MOSFET N-CHANNEL(BVdss=-100V, Rds(on)=0.20ohm, Id=-18A)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFN9140 Datasheet(HTML) 3 Page - International Rectifier

  IRFN9140 Datasheet HTML 1Page - International Rectifier IRFN9140 Datasheet HTML 2Page - International Rectifier IRFN9140 Datasheet HTML 3Page - International Rectifier IRFN9140 Datasheet HTML 4Page - International Rectifier IRFN9140 Datasheet HTML 5Page - International Rectifier IRFN9140 Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
IRFN9140 Device
Fig. 1 — Typical Output Characteristics
TC = 25°C
Fig. 2 — Typical Output Characteristics
TC = 150°C
Fig. 3 — Typical Transfer Characteristics
Fig. 4 — Normalized On-Resistance Vs.Temperature
Fig. 5 — Typical Capacitance Vs. Drain-to-Source
Voltage
Fig. 6 — Typical Gate Charge Vs. Gate-to-Source
Voltage
ID = -18A
ID = -18A
To Order
Next Data Sheet
Index
Previous Datasheet


Similar Part No. - IRFN9140

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFN9140 IRF-IRFN9140 Datasheet
174Kb / 7P
   POWER MOSFET SURFACE MOUNT (SMD-1)
IRFN9140 IRF-IRFN9140 Datasheet
179Kb / 7P
   Simple Drive Requirements
logo
Seme LAB
IRFN9140SMD SEME-LAB-IRFN9140SMD Datasheet
23Kb / 2P
   P-CHANNEL POWER MOSFET
logo
International Rectifier
IRFN9140 IRF-IRFN9140_15 Datasheet
179Kb / 7P
   Simple Drive Requirements
More results

Similar Description - IRFN9140

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHM7360SE IRF-IRHM7360SE Datasheet
146Kb / 4P
   TRANSISTOR N-CHANNEL(BVdss=400V, Rds(on)=0.20ohm, Id=22A)
IRHI7360SE IRF-IRHI7360SE Datasheet
112Kb / 4P
   TRANSISTOR N-CHANNEL(BVdss=400V, Rds(on)=0.20ohm, Id=24.3A)
IRFN240 IRF-IRFN240 Datasheet
223Kb / 6P
   POWER MOSFET N-CHANNEL(BVdss=200V, Rds(on)=0.18ohm, Id=18A)
IRHNA7360SE IRF-IRHNA7360SE Datasheet
137Kb / 4P
   TRANSISTOR N-CHANNEL(BVdss=400V, RdS(on)=0.20ohm, Id=24.3A)
JANTX2N6756 IRF-JANTX2N6756 Datasheet
236Kb / 6P
   POWER MOSFET N-CHANNEL(BVdss=100V, Rds(on)=0.18ohm, Id=14A)
JANTX2N6782 IRF-JANTX2N6782 Datasheet
232Kb / 6P
   POWER MOSFET N-CHANNEL(BVdss=100V, Rds(on)=0.60ohm, Id=3.5A)
IRFN150 IRF-IRFN150 Datasheet
217Kb / 6P
   POWER MOSFET N-CHANNEL(BVdss=100V, Rds(on)=0.060ohm, Id=34A)
JANTX2N6796 IRF-JANTX2N6796 Datasheet
236Kb / 6P
   POWER MOSFET N-CHANNEL(BVdss=100V, Rds(on)=0.18ohm, Id=8.0A)
JANTX2N6788 IRF-JANTX2N6788 Datasheet
238Kb / 6P
   POWER MOSFET N-CHANNEL(BVdss=100V, Rds(on)=0.30ohm, Id=6.0A)
JANTX2N6764 IRF-JANTX2N6764 Datasheet
254Kb / 6P
   POWER MOSFET N-CHANNEL(BVdss=100V, Rds(on)=0.055ohm, Id=38A)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com