Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FYT-4031EX-00 Datasheet(PDF) 1 Page - Ningbo Foryard Optoelectronics Co., Ltd.

Part # FYT-4031EX-00
Description  0.40 Inch (10.20mm) digit height Three Digits Display
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORYARD [Ningbo Foryard Optoelectronics Co., Ltd.]
Direct Link  http://www.foryard.com
Logo FORYARD - Ningbo Foryard Optoelectronics Co., Ltd.

FYT-4031EX-00 Datasheet(HTML) 1 Page - Ningbo Foryard Optoelectronics Co., Ltd.

  FYT-4031EX-00 Datasheet HTML 1Page - Ningbo Foryard Optoelectronics Co., Ltd. FYT-4031EX-00 Datasheet HTML 2Page - Ningbo Foryard Optoelectronics Co., Ltd. FYT-4031EX-00 Datasheet HTML 3Page - Ningbo Foryard Optoelectronics Co., Ltd. FYT-4031EX-00 Datasheet HTML 4Page - Ningbo Foryard Optoelectronics Co., Ltd. FYT-4031EX-00 Datasheet HTML 5Page - Ningbo Foryard Optoelectronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Model No.
Rev.
NINGBO FORYARD OPTOELECTRONICS CO.,LTD
Add:NO.115 Qixin Road Ningbo Zhejiang China
Zip:315051
Tel: 0086-574-87933652 87927870 87922206
Fax: 0086-574-87927917
E-mail:Sales@foryard.com
( General)
Http://www.foryard.com
Page
1/5
PRODUCT SPECIFICATION
Model No.
:FYT-4031E/FX-XX
FYT-4031E/FX-XX
A
Descriptions & Features:
■0.40 Inch (10.20mm) digit height Three Digits Display
■Case mold type.
■Easy mounting on P.C. board or socket.
CUSTOMER APPROVED
SIGNATURES
PREPARED BY
CHECKED BY
APPROVED BY
■RoHS compliant.
■Low current operation
■Low power consumption.
Http://www.foryard.com


Similar Part No. - FYT-4031EX-00

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYT-4031AX-00 FORYARD-FYT-4031AX-00 Datasheet
477Kb / 5P
   0.40 Inch (10.20mm) digit height Three Digits Display
FYT-4031AX-01 FORYARD-FYT-4031AX-01 Datasheet
477Kb / 5P
   0.40 Inch (10.20mm) digit height Three Digits Display
FYT-4031AX-02 FORYARD-FYT-4031AX-02 Datasheet
477Kb / 5P
   0.40 Inch (10.20mm) digit height Three Digits Display
FYT-4031AX-03 FORYARD-FYT-4031AX-03 Datasheet
477Kb / 5P
   0.40 Inch (10.20mm) digit height Three Digits Display
FYT-4031AX-04 FORYARD-FYT-4031AX-04 Datasheet
477Kb / 5P
   0.40 Inch (10.20mm) digit height Three Digits Display
More results

Similar Description - FYT-4031EX-00

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYT-4031CX-00 FORYARD-FYT-4031CX-00 Datasheet
480Kb / 5P
   0.40 Inch (10.20mm) digit height Three Digits Display
FYT-4031IX-00 FORYARD-FYT-4031IX-00 Datasheet
472Kb / 5P
   0.40 Inch (10.20mm) digit height Three Digits Display
FYT-4031GX-00 FORYARD-FYT-4031GX-00 Datasheet
468Kb / 5P
   0.40 Inch (10.20mm) digit height Three Digits Display
FYT-4031KX-00 FORYARD-FYT-4031KX-00 Datasheet
484Kb / 5P
   0.40 Inch (10.20mm) digit height Three Digits Display
FYT-4031AX-00 FORYARD-FYT-4031AX-00 Datasheet
477Kb / 5P
   0.40 Inch (10.20mm) digit height Three Digits Display
logo
BRIGHT LED ELECTRONICS ...
BT-M402RD BRIGHT-BT-M402RD Datasheet
147Kb / 3P
   0.40(10.20MM)THREE DIGIT LED DISPLAY
BT-C403ND BRIGHT-BT-C403ND Datasheet
78Kb / 1P
   0.40(10.20MM)THREE DIGIT LED DISPLAY
logo
BetLux Electronics
BL-T40A-32S BETLUX-BL-T40A-32S Datasheet
127Kb / 4P
   10.20mm (0.40) Three digit numeric display series
BL-T40M-31 BETLUX-BL-T40M-31 Datasheet
327Kb / 5P
   10.20mm (0.40) Three digit numeric display series
logo
BRIGHT LED ELECTRONICS ...
BT-M405RD BRIGHT-BT-M405RD Datasheet
245Kb / 3P
   10.20mm(0.40) high three digit seven segments display
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com