Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FYM-23581EX-13 Datasheet(PDF) 3 Page - Ningbo Foryard Optoelectronics Co., Ltd.

Part # FYM-23581EX-13
Description  2.3 inch (60.60mm) Matrix height, Dot Matrix Display
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORYARD [Ningbo Foryard Optoelectronics Co., Ltd.]
Direct Link  http://www.foryard.com
Logo FORYARD - Ningbo Foryard Optoelectronics Co., Ltd.

FYM-23581EX-13 Datasheet(HTML) 3 Page - Ningbo Foryard Optoelectronics Co., Ltd.

  FYM-23581EX-13 Datasheet HTML 1Page - Ningbo Foryard Optoelectronics Co., Ltd. FYM-23581EX-13 Datasheet HTML 2Page - Ningbo Foryard Optoelectronics Co., Ltd. FYM-23581EX-13 Datasheet HTML 3Page - Ningbo Foryard Optoelectronics Co., Ltd. FYM-23581EX-13 Datasheet HTML 4Page - Ningbo Foryard Optoelectronics Co., Ltd. FYM-23581EX-13 Datasheet HTML 5Page - Ningbo Foryard Optoelectronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Model No.
Rev.
■ All Light On Dot Feature & Pin Position
■ Internal Circuit Diagrams
Page: 3/5
Model No.:
:FYM-23581E/FXX-XX
FYM-23581E/FXX-XX
A
Http://www.foryard.com


Similar Part No. - FYM-23581EX-13

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYM-23581EXX FORYARD-FYM-23581EXX Datasheet
472Kb / 5P
   DOTMATRIX DISPLAY
FYM-23581EXX-0 FORYARD-FYM-23581EXX-0 Datasheet
472Kb / 5P
   DOTMATRIX DISPLAY
FYM-23581EXX-1 FORYARD-FYM-23581EXX-1 Datasheet
472Kb / 5P
   DOTMATRIX DISPLAY
FYM-23581EXX-2 FORYARD-FYM-23581EXX-2 Datasheet
472Kb / 5P
   DOTMATRIX DISPLAY
FYM-23581EXX-3 FORYARD-FYM-23581EXX-3 Datasheet
472Kb / 5P
   DOTMATRIX DISPLAY
More results

Similar Description - FYM-23581EX-13

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYM-23581CX-00 FORYARD-FYM-23581CX-00 Datasheet
479Kb / 5P
   2.3 inch (60.60mm) Matrix height, Dot Matrix Display
FYM-23581AW-X5 FORYARD-FYM-23581AW-X5 Datasheet
451Kb / 5P
   2.3 inch (60.60mm) Matrix height, Dot Matrix Display
FYM-23581AXX-00 FORYARD-FYM-23581AXX-00 Datasheet
533Kb / 5P
   2.3 inch (60.60mm) Matrix height, Dot Matrix Display
FYM-23581AX-00 FORYARD-FYM-23581AX-00 Datasheet
483Kb / 5P
   2.3 inch (60.60mm) Matrix height, Dot Matrix Display
logo
BetLux Electronics
BL-M23C581 BETLUX-BL-M23C581 Datasheet
357Kb / 5P
   60.60mm (2.3) :u5.0 dot matrix LED display
logo
China Semiconductor Cor...
CSM-58211G CHINASEMI-CSM-58211G Datasheet
194Kb / 5P
   2.3 Inch 5X8 Dot-Matrix Display
CSM-88211M9 CHINASEMI-CSM-88211M9 Datasheet
211Kb / 6P
   2.3 Inch 8X8 Dot-Matrix Display
CSM-88211S CHINASEMI-CSM-88211S Datasheet
211Kb / 6P
   2.3 Inch 8X8 Dot-Matrix Display
CSM-58231M9 CHINASEMI-CSM-58231M9 Datasheet
207Kb / 5P
   2.3 Inch 5X8 Dot-Matrix Display
CSM-88211G CHINASEMI-CSM-88211G Datasheet
212Kb / 7P
   2.3 Inch 8X8 Dot-Matrix Display
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com