Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FYM-46581AX-20 Datasheet(PDF) 2 Page - Ningbo Foryard Optoelectronics Co., Ltd.

Part # FYM-46581AX-20
Description  4.6 inch (121.50mm) Matrix height, Dot Matrix Display
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORYARD [Ningbo Foryard Optoelectronics Co., Ltd.]
Direct Link  http://www.foryard.com
Logo FORYARD - Ningbo Foryard Optoelectronics Co., Ltd.

FYM-46581AX-20 Datasheet(HTML) 2 Page - Ningbo Foryard Optoelectronics Co., Ltd.

  FYM-46581AX-20 Datasheet HTML 1Page - Ningbo Foryard Optoelectronics Co., Ltd. FYM-46581AX-20 Datasheet HTML 2Page - Ningbo Foryard Optoelectronics Co., Ltd. FYM-46581AX-20 Datasheet HTML 3Page - Ningbo Foryard Optoelectronics Co., Ltd. FYM-46581AX-20 Datasheet HTML 4Page - Ningbo Foryard Optoelectronics Co., Ltd. FYM-46581AX-20 Datasheet HTML 5Page - Ningbo Foryard Optoelectronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Model No.
Rev.
■ -XX: REF Surface / Epoxy color
1
2
3
○ Black ○ Gray
○ Red
○ White ○ Red
○ Green
■ Mechanical Dimensions
Notes:
1. All pins are Φ0.80[.031]mm
2. Dimension in millimeter [inch], tolerance is ±0.25 [.010] and angle is ±1°unless otherwise noted.
3. Bending≤Length*1%.
4.The specifications,characteristics and technical data described in the datasheet are subject to change without prior notice.
Page: 2/5
FYM-46581A/BX-XX
A
Http://www.foryard.com
0
Epoxy Color
Color
Number
Model No.:
:FYM-46581A/BX-XX
○ Water Clear
4
○ Green
○ Yellow
REF Surface Color
○ White


Similar Part No. - FYM-46581AX-20

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYM-46581AX-2 FORYARD-FYM-46581AX-2 Datasheet
422Kb / 5P
   DOTMATRIX DISPLAY
More results

Similar Description - FYM-46581AX-20

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYM-46581AXX-00 FORYARD-FYM-46581AXX-00 Datasheet
508Kb / 5P
   4.6 inch (121.50mm) Matrix height, Dot Matrix Display
logo
BetLux Electronics
BL-M46A581 BETLUX-BL-M46A581 Datasheet
359Kb / 5P
   121.50mm (4.6) :u10.0 dot matrix LED display
logo
China Semiconductor Cor...
CSM-58432G CHINASEMI-CSM-58432G Datasheet
198Kb / 5P
   4.6 Inch 5X8 Dot-Matrix Display
CSM-58432E CHINASEMI-CSM-58432E Datasheet
200Kb / 5P
   4.6 Inch 5X8 Dot-Matrix Display
CSM-58432V9 CHINASEMI-CSM-58432V9 Datasheet
215Kb / 6P
   4.6 Inch 5X8 Dot-Matrix Display
CSM-58462SG CHINASEMI-CSM-58462SG Datasheet
282Kb / 7P
   4.6 Inch 5X8 Dot-Matrix Display
CSM-58432M9 CHINASEMI-CSM-58432M9 Datasheet
201Kb / 5P
   4.6 Inch 5X8 Dot-Matrix Display
CSM-58432B7 CHINASEMI-CSM-58432B7 Datasheet
215Kb / 6P
   4.6 Inch 5X8 Dot-Matrix Display
CSM-58432S CHINASEMI-CSM-58432S Datasheet
201Kb / 5P
   4.6 Inch 5X8 Dot-Matrix Display
CSM-58432T9 CHINASEMI-CSM-58432T9 Datasheet
220Kb / 6P
   4.6 Inch 5X8 Dot-Matrix Display
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com