Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRFN440 Datasheet(PDF) 4 Page - International Rectifier

Part # IRFN440
Description  POWER MOSFET N-CHANNEL(BVdss=500V, Rds(on)=0.85ohm, Id=8.0A)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFN440 Datasheet(HTML) 4 Page - International Rectifier

  IRFN440 Datasheet HTML 1Page - International Rectifier IRFN440 Datasheet HTML 2Page - International Rectifier IRFN440 Datasheet HTML 3Page - International Rectifier IRFN440 Datasheet HTML 4Page - International Rectifier IRFN440 Datasheet HTML 5Page - International Rectifier IRFN440 Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
IRFN440 Device
Fig. 10b — Switching Time Waveforms
Fig. 10a — Switching Time Test Circuit
Fig. 9 — Maximum Drain Current Vs. Case Temperature
Fig. 7 — Typical Source-to-Drain Diode Forward
Voltage
0.1
1
10
100
1000
10
100
1000
10000
OPERATION IN THIS AREA LIMITED
BY RDS(on)
Single Pulse
T
T
= 150 C
= 25 C
°
°
J
C
V
, Drain-to-Source Voltage (V)
DS
10us
100us
1ms
10ms
Fig. 8 — Maximum Safe Operating Area
To Order
Next Data Sheet
Index
Previous Datasheet


Similar Part No. - IRFN440

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFN440 IRF-IRFN440 Datasheet
184Kb / 7P
   Simple Drive Requirements
IRFN440 IRF-IRFN440_15 Datasheet
184Kb / 7P
   Simple Drive Requirements
More results

Similar Description - IRFN440

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFY440CM IRF-IRFY440CM Datasheet
300Kb / 6P
   POWER MOSFET N-CHANNEL(BVdss=500V, Rds(on)=0.85ohm, Id=7.0A)
IRF840 IRF-IRF840 Datasheet
170Kb / 6P
   Power MOSFET(Vdss=500V, Rds(on)=0.85ohm, Id=8.0A)
IRF840S IRF-IRF840S Datasheet
172Kb / 6P
   Power MOSFET(Vdss=500V, Rds(on)=0.85ohm, Id=8.0A)
IRC840 IRF-IRC840 Datasheet
220Kb / 8P
   Power MOSFET(Vdss=500V, Rds(on)=0.85ohm, Id=8.0A)
IRF840LCS IRF-IRF840LCS Datasheet
173Kb / 10P
   Power MOSFET(Vdss=500V, Rds(on)=0.85ohm, Id=8.0A)
IRF840A IRF-IRF840A Datasheet
89Kb / 8P
   Power MOSFET(Vdss=500V, Rds(on)max=0.85ohm, Id=8.0A)
IRF440 IRF-IRF440 Datasheet
142Kb / 7P
   TRANSISTORS N-CHANNEL(Vdss=500V, Rds(on)=0.85ohm, Id=8.0A)
IRF840AS IRF-IRF840AS Datasheet
129Kb / 10P
   Power MOSFET(Vdss=500V, Rds(on)max=0.85ohm, Id=8.0A)
JANTX2N6796 IRF-JANTX2N6796 Datasheet
236Kb / 6P
   POWER MOSFET N-CHANNEL(BVdss=100V, Rds(on)=0.18ohm, Id=8.0A)
JANTX2N6770 IRF-JANTX2N6770 Datasheet
230Kb / 6P
   POWER MOSFET N-CHANNEL(BVdss=500v, Rds(on)=0.40ohm, Id=12A)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com