Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRFN044 Datasheet(PDF) 6 Page - International Rectifier

Part # IRFN044
Description  POWER MOSFET N-CHANNEL(BVdss=60V, Rds(on)=0.040ohm, Id=44A)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFN044 Datasheet(HTML) 6 Page - International Rectifier

  IRFN044 Datasheet HTML 1Page - International Rectifier IRFN044 Datasheet HTML 2Page - International Rectifier IRFN044 Datasheet HTML 3Page - International Rectifier IRFN044 Datasheet HTML 4Page - International Rectifier IRFN044 Datasheet HTML 5Page - International Rectifier IRFN044 Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Case Outline and Dimensions — SMD-1
ΠRepetitive Rating; Pulse width limited by
maximum junction temperature.
(see figure 11)
 @ VDD = 25V, Starting TJ = 25°C,
EAS = [0.5 * L * (I
L
2) * [BVDSS/(BVDSS-VDD)]
Peak IL = 44A, VGS = 10V, 25 ≤ RG ≤ 200Ω
Ž ISD ≤ 44A, di/dt ≤ 25A/µs,
VDD ≤ BVDSS, TJ ≤ 150°C
 Pulse width
≤ 300 µs; Duty Cycle ≤ 2%
 K/W = °C/W
W/K = W/°C
WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, Tel: (310) 322 3331
EUROPEAN HEADQUARTERS: Hurst Green, Oxted, Surrey RH8 9BB, UK Tel: ++ 44 1883 732020
IR CANADA: 7321 Victoria Park Ave., Suite 201, Markham, Ontario L3R 2Z8, Tel: (905) 475 1897
IR GERMANY: Saalburgstrasse 157, 61350 Bad Homburg Tel: ++ 49 6172 96590
IR ITALY: Via Liguria 49, 10071 Borgaro, Torino Tel: ++ 39 11 451 0111
IR FAR EAST: K&H Bldg., 2F, 3-30-4 Nishi-Ikeburo 3-Chome, Toshima-Ki, Tokyo Japan 171 Tel: 81 3 3983 0086
IR SOUTHEAST ASIA: 315 Outram Road, #10-02 Tan Boon Liat Building, Singapore 0316 Tel: 65 221 8371
http://www.irf.com/
Data and specifications subject to change without notice.
9/96
IRFN044 Device
Fig. 13b — Basic Gate Charge Waveform
All dimensions in millimeters (inches)
To Order
Next Data Sheet
Index
Previous Datasheet


Similar Part No. - IRFN044

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFN044 IRF-IRFN044 Datasheet
137Kb / 7P
   Simple Drive Requirements
logo
Seme LAB
IRFN044SMD SEME-LAB-IRFN044SMD Datasheet
22Kb / 2P
   N-CHANNEL POWER MOSFET
logo
International Rectifier
IRFN044 IRF-IRFN044_15 Datasheet
137Kb / 7P
   Simple Drive Requirements
More results

Similar Description - IRFN044

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFY044CM IRF-IRFY044CM Datasheet
281Kb / 6P
   POWER MOSFET N-CHANNEL(BVdss=60V, Rds(on)=0.040ohm, Id=16A*)
IRFN054 IRF-IRFN054 Datasheet
218Kb / 6P
   POWER MOSFET N-CHANNEL(BVdss=60V, Rds(on)=0.020ohm, Id=55A*)
JANTX2N6760 IRF-JANTX2N6760 Datasheet
234Kb / 6P
   POWER MOSFET N-CHANNEL(BVdss=400V, Rds(on)=1.00ohm, Id=5.5A)
JANTX2N6756 IRF-JANTX2N6756 Datasheet
236Kb / 6P
   POWER MOSFET N-CHANNEL(BVdss=100V, Rds(on)=0.18ohm, Id=14A)
JANTX2N6782 IRF-JANTX2N6782 Datasheet
232Kb / 6P
   POWER MOSFET N-CHANNEL(BVdss=100V, Rds(on)=0.60ohm, Id=3.5A)
JANTX2N6786 IRF-JANTX2N6786 Datasheet
230Kb / 6P
   POWER MOSFET N-CHANNEL(BVdss=400V, Rds(on)=3.6ohm, Id=1.25A)
IRFN150 IRF-IRFN150 Datasheet
217Kb / 6P
   POWER MOSFET N-CHANNEL(BVdss=100V, Rds(on)=0.060ohm, Id=34A)
IRFNG40 IRF-IRFNG40 Datasheet
212Kb / 6P
   POWER MOSFET N-CHANNEL(BVdss=1000V, Rds(on)=3.5ohm, Id=3.9A)
IRFNG50 IRF-IRFNG50 Datasheet
213Kb / 6P
   POWER MOSFET N-CHANNEL(BVdss=1000V, Rds(on)=2.0ohm, Id=5.5A)
JANTX2N6762 IRF-JANTX2N6762 Datasheet
234Kb / 6P
   POWER MOSFET N-CHANNEL(BVdss=500V, Rds(on)=1.5ohm, Id=4.5A)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com