Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P500010 Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part # P500010
Description  VGA Coax Monitor Extension Cable, High Resolution Cable with RGB Coax (HD15 M-F), 10-ft
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

P500010 Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  P500010 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved P500010 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Cable Length (ft.)
10
Cable Length (m)
3.05
PHYSICAL
Color
Black
CONNECTIONS
Connector A
HD15 (MALE)
Connector B
HD15 (FEMALE)
WARRANTY
Product Warranty Period (Worldwide)
Lifetime limited warranty
© 2015 Tripp Lite. All rights reserved. All trademarks are the sole property of their respective owners. Tripp Lite has a policy of continuous improvement.
Specifications are subject to change without notice. Photos may differ slightly from final products.
2 / 2


Similar Part No. - P500010

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P500006 TRIPPLITE-P500006 Datasheet
473Kb / 2P
   VGA Coax Monitor Extension Cable, High Resolution Cable with RGB Coax (HD15 M-F), 6-ft
P500025 TRIPPLITE-P500025 Datasheet
473Kb / 2P
   VGA Coax Monitor Extension Cable, High Resolution Cable with RGB Coax (HD15 M-F), 25-ft
logo
celduc-relais
P5000309 CELDUC-P5000309 Datasheet
890Kb / 6P
   AUTONOMOUS Safety Sensor
logo
Tripp Lite. All Rights ...
P500050 TRIPPLITE-P500050 Datasheet
473Kb / 2P
   VGA Coax Monitor Extension Cable, High Resolution Cable with RGB Coax (HD15 M-F), 50-ft
P500075 TRIPPLITE-P500075 Datasheet
470Kb / 2P
   VGA Coax Monitor Extension Cable, High Resolution Cable with RGB Coax (HD15 M-F), 75-ft
More results

Similar Description - P500010

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P500-010 TRIPPLITE-P500-010 Datasheet
480Kb / 4P
   VGA Coax Monitor Extension Cable, High Resolution cable with RGB coax (HD15 M/F)
P500006 TRIPPLITE-P500006 Datasheet
473Kb / 2P
   VGA Coax Monitor Extension Cable, High Resolution Cable with RGB Coax (HD15 M-F), 6-ft
P500025 TRIPPLITE-P500025 Datasheet
473Kb / 2P
   VGA Coax Monitor Extension Cable, High Resolution Cable with RGB Coax (HD15 M-F), 25-ft
P500050 TRIPPLITE-P500050 Datasheet
473Kb / 2P
   VGA Coax Monitor Extension Cable, High Resolution Cable with RGB Coax (HD15 M-F), 50-ft
P500075 TRIPPLITE-P500075 Datasheet
470Kb / 2P
   VGA Coax Monitor Extension Cable, High Resolution Cable with RGB Coax (HD15 M-F), 75-ft
P500100 TRIPPLITE-P500100 Datasheet
473Kb / 2P
   VGA Coax Monitor Extension Cable, High Resolution Cable with RGB Coax (HD15 M-F), 100-ft
P500-015 TRIPPLITE-P500-015 Datasheet
470Kb / 2P
   VGA Coax High-Resolution Monitor Extension Cable with RGB Coax (HD15 M/F), 15 ft
logo
List of Unclassifed Man...
P500-100 ETC2-P500-100 Datasheet
474Kb / 2P
   VGA Coax Monitor Extension Cable, High Resolution cable with RGB coax (HD15 M/F), 100-ft.
logo
Tripp Lite. All Rights ...
P502010 TRIPPLITE-P502010 Datasheet
489Kb / 2P
   VGA Coax Monitor Cable, High Resolution Cable with RGB Coax (HD15 M/M), 10-ft
P500100P TRIPPLITE-P500100P Datasheet
482Kb / 2P
   VGA Coax Monitor Extension Cable, Plenum Rated High Resolution Cable with RGB Coax (HD15 M/F),100-ft
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com