Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

P160000 Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part No. P160000
Description  Compact-Slimline VGA Video Coupler Gender Changer (HD15 F-F)
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TRIPPLITE [Tripp Lite. All Rights Reserved]
Homepage  http://www.tripplite.com/
Logo 

P160000 Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Compact/Slimline VGA Video Coupler Gender
Changer (HD15 F/F)
MODEL NUMBER: P160-000
Description
Compact gold gender changer is designed to allow you to change a HD15M port into a HD15F port. Can be used to change a straight through cable into an
extension cable. Gold plated contacts and connectors offer superior conductivity.
Features
Compact gender changer
Gold plated contacts and connectors for superior conductivity
HD15 female to HD15 female
Specifications
OVERVIEW
Chromebook Compatible
No
Display Style
Gender Changer
Model Type
VGA
PHYSICAL
Color
Gold
CONNECTIONS
Connector A
HD15 (FEMALE)
Connector B
HD15 (FEMALE)
Highlights
Low profile gender changer (< 1
inch)
Converts a male VGA port or
connector to HD15 female
Allows you to connect (2) HD15
male cables together
Fully shielded against EMI/RFI
interference
System Requirements
Any device or cable with a
HD15M connector
Package Includes
Compact Gold Gender Changer
HD15F to HD15F
1 / 2


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn