Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

P138000DVI Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part No. P138000DVI
Description  Mini DVI to DVI Cable Adapter, Video Converter for Macbooks and iMacs, 1920x1200 (Mini DVI to DVI-D M-F)
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TRIPPLITE [Tripp Lite. All Rights Reserved]
Homepage  http://www.tripplite.com/
Logo 

P138000DVI Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Mini DVI to DVI Cable Adapter, Video Converter for
Macbooks and iMacs, 1920x1200 (Mini DVI to DVI-D
M/F)
MODEL NUMBER: P138-000-DVI
Description
Tripp Lite's mini-DVI to DVI-D Digital Female Video Adapter Cable allows you to connect a DVI-D Display to the mini-DVI port found on some Apple computer
models. Supports Single Link digital transmission, with resolutions up to 1920x1200@60Hz.
Features
Connect a DVI Monitor to Apple Intel iMac, MacBook, and 12-in. PowerBook G4 mini-DVI Port
8 in. overall length
1920x1200 @ 60Hz resolution
Compliant with the Federal Trade Agreements Act (TAA) for GSA Schedule purchases
Specifications
OVERVIEW
Chromebook Compatible
No
Display Style
Adapter
Model Type
DVI
Cable Types
DVI
INPUT
Cable Length (ft.)
0.7
Cable Length (in.)
8
Highlights
Connect a DVI Monitor to Apple
Intel iMac, MacBook, and 12in
PowerBook G4 mini-DVI Port
8 in. overall length
Compliant with the Federal Trade
Agreements Act (TAA) for GSA
Schedule purchases
System Requirements
Apple Intel iMac, MacBook, and
12in PowerBook G4
Package Includes
8-in. mini-DVI to DVI-D Adapter
1 / 2


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn