Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM1020C Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SM1020C
Description  10.0 Amp Schottky Barrier Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SM1020C Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SM1020C_15 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SM1020C_15 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
SM1020C~SM10100C
Voltage 20V~ 100V
10.0 Amp Schottky Barrier Rectifiers
10-May-2013 Rev.D
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
A
B
E
G
D
F
C
H
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
RoHS Compliant Product
Low forward voltage drop
High current capability
High reliability
High surge current capability
Epitaxial construction
MECHANICAL DATA
Case:Molded Plastic
Epoxy:UL 94V-0 Rate Flame Retardant
Metallurgically bonded construction
Polarity:Color Band Denotes Cathode End
Mounting Position: Any
PACKAGE INFORMATION
Package
MPQ
Leader Size
SMC
3K
13 inch
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(Rating 25°C ambient temperature unless otherwise specified. Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, de-rate current by 20%.)
Part Number
Parameter
Symbol
SM1020C
SM1040C
SM1060C
SM10100C
Unit
Peak Repetitive Peak reverse voltage
VRRM
20
40
60
100
V
Working Peak Reverse Voltage
VRSM
20
40
60
100
V
Maximum DC Blocking Voltage
VDC
20
40
60
100
V
Maximum Average Forward Current, See Fig. 1
IF
10
Peak Forward Surge Current @ 8.3 ms Half
Sine-Wave superimposed on rated load (JEDEC
method)
IFSM
180
A
Maximum Instantaneous Forward Voltage@
IF=10A
VF
0.56
0.72
0.83
V
TJ=25°C
0.3
0.2
0.1
Maximum DC Reverse Current
At Rated DC Blocking Voltage
3
TJ=100°C
IR
22
15
10
mA
Typical Junction Capacitance
1
CJ
380
pF
Voltage Rate of Chance (Rated VR)
dv/dt
10000
V / μS
Typical Thermal Resistance
2
RθJC
25
°C / W
Typical Thermal Resistance
4
RθJL
20
°C / W
Operating and Storage Temperature Range
TJ, TSTG
-50 ~ 150
°C
NOTES:
1.
Measured at 1MHz and applied reverse voltage of 4.0 V D.C.
2.
Thermal Resistance Junction to Case
3.
Pulse Test:Pulse Width = 300 μs, Duty Cycle
2.0%.
4.
Thermal Resistance Junction to Lead.
SMC
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
2.75
3.15
E
-
0.203
B
6.60
7.11
F
7.75
8.13
C
5.59
6.22
G
0.76
1.27
D
2.00
2.62
H
0.15
0.31


Similar Part No. - SM1020C_15

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SM1020C SECOS-SM1020C_11 Datasheet
248Kb / 2P
   Voltage 20V~100V 10.0 Amp Schottky Barrier Rectifiers
More results

Similar Description - SM1020C_15

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
MBR10100 SECOS-MBR10100_15 Datasheet
144Kb / 2P
   10.0 Amp Schottky Barrier Rectifiers
SP10100 SECOS-SP10100_10 Datasheet
495Kb / 2P
   10.0 Amp Schottky Barrier Rectifiers
logo
UNIOHM CORPORATION
SR1020 UNIOHM-SR1020 Datasheet
71Kb / 2P
   10.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
SeCoS Halbleitertechnol...
SP10150 SECOS-SP10150 Datasheet
62Kb / 2P
   10.0 Amp Schottky Barrier Rectifiers
logo
Goodwork Semiconductor ...
SRF1020 GWSEMI-SRF1020 Datasheet
72Kb / 2P
   10.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
SeCoS Halbleitertechnol...
SK1045CL SECOS-SK1045CL_15 Datasheet
206Kb / 2P
   10.0 Amp Schottky Barrier Rectifiers
SM10200D1 SECOS-SM10200D1_15 Datasheet
210Kb / 2P
   10.0 Amp Schottky Barrier Rectifiers
SM1045DS1 SECOS-SM1045DS1 Datasheet
335Kb / 2P
   10.0 Amp. Schottky Barrier Rectifiers
logo
Nanjing International G...
SRF1040-40V-ITO-220AC DGNJDZ-SRF1040-40V-ITO-220AC Datasheet
202Kb / 2P
   10.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
SeCoS Halbleitertechnol...
MBR10150F SECOS-MBR10150F_15 Datasheet
85Kb / 2P
   10.0 Amp Schottky Barrier Rectifiers
SBR1060 SECOS-SBR1060_15 Datasheet
251Kb / 2P
   10.0 Amp Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com