Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SLZ3V6 Datasheet(PDF) 3 Page - SeCoS Halbleitertechnologie GmbH

Part # SLZ3V6
Description  Glass Zener Voltage Regulators
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SLZ3V6 Datasheet(HTML) 3 Page - SeCoS Halbleitertechnologie GmbH

  SLZ3V6 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SLZ3V6 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SLZ3V6 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SLZ3V6 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH SLZ3V6 Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SLZXXX Series
500 mW,
SOD-80
Glass Zener Voltage Regulators
Elektronische Bauelemente
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
27-Jul-2011 Rev. A
Page 3 of 5
ELECTRICAL CHARACTERISTICS(TA=25°C unless otherwise specified)
Type Number
Class
Zener Voltage Range
1
Maximum Zener
Impedance
2
Maximum Reverse
Leakage Current
1
VZ@ IZT
IZT
ZZT @ IZT
ZZK @ IZK
IZK
IR@ VR
VR
Min(V)
Max(V)
mA
mA
µA
V
SLZ8V2
A
7.53
7.92
20
6.6
95
0.5
0.30
5.0
B
7.78
8.19
C
8.03
8.45
SLZ9V1
A
8.29
8.73
20
6.6
95
0.5
0.30
6.0
B
8.57
9.01
C
8.83
9.3
SLZ10V
A
9.12
9.59
20
6.6
95
0.5
0.11
7.0
B
9.41
9.9
C
9.7
10.2
SLZ11V
A
10.18
10.71
10
8.5
95
0.5
0.133
8.0
B
10.5
11.05
C
10.82
11.38
SLZ12V
A
11.13
11.71
10
9.5
95
0.5
0.133
9.0
B
11.44
12.03
C
11.74
12.35
SLZ13V
A
12.11
12.75
10
11.4
95
0.5
0.133
10
B
12.55
13.21
C
12.99
13.66
SLZ15V
A
13.44
14.13
10
13.3
95
0.5
0.133
11
B
13.89
14.62
C
14.35
15.09
SLZ16V
A
14.8
15.57
10
15.2
132
0.5
0.133
12
B
15.25
16.04
C
15.69
16.51
SLZ18V
A
16.22
17.06
10
19.4
123
0.5
0.133
13
B
16.82
17.7
C
17.42
18.33
SLZ20V
A
18.02
18.96
10
23.5
170
0.5
0.133
15
B
18.63
19.59
C
19.23
20.22
D
19.72
20.72
SLZ22V
A
20.15
21.2
5
25.6
170
0.5
0.133
17
B
20.64
21.71
C
21.08
22.17
D
21.52
22.63


Similar Part No. - SLZ3V6

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SLZ3V6 SECOS-SLZ3V6 Datasheet
296Kb / 5P
   500 mW, SOD-80 Glass Zener Voltage Regulators
More results

Similar Description - SLZ3V6

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
BZV55B SECOS-BZV55B_15 Datasheet
215Kb / 3P
   Sealed Glass Zener Voltage Regulators
logo
SEC Electronics Inc.
BZV55C SECELECTRONICS-BZV55C Datasheet
215Kb / 3P
   Sealed Glass Zener Voltage Regulators
logo
SeCoS Halbleitertechnol...
BZV55C SECOS-BZV55C_15 Datasheet
215Kb / 3P
   Sealed Glass Zener Voltage Regulators
logo
SEC Electronics Inc.
BZV55B SECELECTRONICS-BZV55B Datasheet
215Kb / 3P
   Sealed Glass Zener Voltage Regulators
logo
SeCoS Halbleitertechnol...
VLZ SECOS-VLZ_15 Datasheet
416Kb / 5P
   Hermetically Sealed Glass Zener Voltage Regulators
VLZ SECOS-VLZ Datasheet
422Kb / 5P
   Hermetically Sealed Glass Zener Voltage Regulators
logo
ON Semiconductor
BZX55C2V4RL ONSEMI-BZX55C2V4RL Datasheet
252Kb / 10P
   Hermetically Sealed Glass Zener Voltage Regulators
August, 2006 ??Rev. 1
logo
SeCoS Halbleitertechnol...
1N47XXAG SECOS-1N47XXAG_15 Datasheet
218Kb / 2P
   Hermetically Sealed Glass Zener Voltage Regulators
logo
Taiwan Semiconductor Co...
ZM4728A TSC-ZM4728A_14 Datasheet
220Kb / 4P
   Hermetically Sealed Glass Zener Voltage Regulators
LLZ2V4 TSC-LLZ2V4 Datasheet
228Kb / 4P
   Hermetically Sealed Glass Zener Voltage Regulators
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com