Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LNO-500-D1 Datasheet(PDF) 5 Page - TEMEX

Part # LNO-500-D1
Description  Specific request can be addressed to RAKON
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMEX [TEMEX]
Direct Link  http://www.temex.com
Logo TEMEX - TEMEX

LNO-500-D1 Datasheet(HTML) 5 Page - TEMEX

  LNO-500-D1 Datasheet HTML 1Page - TEMEX LNO-500-D1 Datasheet HTML 2Page - TEMEX LNO-500-D1 Datasheet HTML 3Page - TEMEX LNO-500-D1 Datasheet HTML 4Page - TEMEX LNO-500-D1 Datasheet HTML 5Page - TEMEX  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Low Noise Oscillator series
LNO 500 D1
OCSO @ 500 MHz
LNO 500 D1 - Revision C – March 2014
5 / 5
www.rakon.com
R a k o n r e s e r v e s t h e r i g h t t o m o d i f y h e r e i n s p e c i f i c a t i o n s a n d i n f o r m a t i o n w h e n n e c e s s a r y
t o p r o v i d e o p t i m u m p e r f o r m a n c e a n d c o s t
6.0
Mechanical features
Outline in mm
7.0
Pin description
Line
Pin number
Name
Description
7.1
1
Frequency output
Output signal
7.2
2 + lug
Supply voltage
Input supply (2) & ground (lug)
7.3
3 + lug
BIT status
Logic output signal (3) & ground (lug)
7.4
4
Control Input
Tuning DC voltage or 10MHz reference


Similar Part No. - LNO-500-D1

ManufacturerPart #DatasheetDescription
logo
TEMEX
LNO-500-B1 TEMEX-LNO-500-B1 Datasheet
412Kb / 3P
   Specific request can be addressed to RAKON
More results

Similar Description - LNO-500-D1

ManufacturerPart #DatasheetDescription
logo
TEMEX
LNO-640-D1 TEMEX-LNO-640-D1 Datasheet
739Kb / 5P
   Specific request can be addressed to RAKON
LNO-1000-B1 TEMEX-LNO-1000-B1 Datasheet
469Kb / 3P
   Specific request can be addressed to RAKON
LNO-320-D1 TEMEX-LNO-320-D1 Datasheet
734Kb / 5P
   Specific request can be addressed to RAKON
LNO-480-B1 TEMEX-LNO-480-B1 Datasheet
517Kb / 4P
   Specific request can be addressed to RAKON
HSO-14 TEMEX-HSO-14 Datasheet
609Kb / 4P
   Specific request can be addressed to RAKON
LNO-320-B1 TEMEX-LNO-320-B1 Datasheet
417Kb / 3P
   Specific request can be addressed to RAKON
LNO-500-B1 TEMEX-LNO-500-B1 Datasheet
412Kb / 3P
   Specific request can be addressed to RAKON
LNO-100 TEMEX-LNO-100 Datasheet
873Kb / 9P
   Specific request can be addressed to RAKON
LNO-640-B1 TEMEX-LNO-640-B1 Datasheet
448Kb / 3P
   Specific request can be addressed to RAKON
LNO-1280-B1 TEMEX-LNO-1280-B1 Datasheet
459Kb / 4P
   Specific request can be addressed to RAKON
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com