Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IT3200F Datasheet(PDF) 1 Page - TEMEX

Part # IT3200F
Description  SMD Temperature Compensated Crystal Oscillators
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMEX [TEMEX]
Direct Link  http://www.temex.com
Logo TEMEX - TEMEX

IT3200F Datasheet(HTML) 1 Page - TEMEX

  IT3200F Datasheet HTML 1Page - TEMEX IT3200F Datasheet HTML 2Page - TEMEX IT3200F Datasheet HTML 3Page - TEMEX IT3200F Datasheet HTML 4Page - TEMEX IT3200F Datasheet HTML 5Page - TEMEX IT3200F Datasheet HTML 6Page - TEMEX IT3200F Datasheet HTML 7Page - TEMEX  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
IT3200F
-------
SMD Temperature Compensated Crystal Oscillators
-------
-------
Low cost SMD TCXO with voltage control option, using an analogue IC for
compensation. Frequencies ranging from 10MHz to 40MHz.
-------
Product description
-------
The IT3200F with voltage control option, employs an analogue IC for the oscillator and
temperature compensation. The RSX-8 crystal is surface mounted on top of the ceramic IC
carrier. The segregation of the crystal from the oscillator further improves the reliability of the
product.
-------
Applications
GPS
Feature phone
WiMAX/W-LAN
Wi-Fi
-------
Features
Excellent phase noise performance
Standard temperature stability choices are ±1ppm, ±1.5ppm and ±2.5ppm over wide temperature ranges
Frequency slope and perturbation specifications can be customized to the application requirement
Supply voltage down to 1.8 V
-------
Specifications
-----
1.0
SPECIFICATION REFERENCES
Line
Parameter
Description
1.1
Model description
IT3200F / IVT3200F
1.2
RoHS Compliant
Yes
1.3
Reference number
1.4
Rakon part number
-----
2.0
FREQUENCY CHARACTERISTICS
Line
Parameter
Test Condition
Value
Unit
2.1
Frequency
10 to 40
MHz
2.2
Frequency calibration
Offset from nominal frequency measured at Frequency at 25°C ±
2°C
±1 max
ppm
2.3
Reflow shift
Two consecutive reflows at the attached reflow profile after 1
hour relaxation at 25°C
±1 max
ppm
2.4
Frequency stability
over temperature
Referenced to the midpoint between minimum and maximum
frequency value over the specified temperature range. Control
voltage set to midpoint of control voltage (Note 1)
±1 to 5
ppm
2.5
Temperature range
The operating temperature over which the frequency stability is
measured
-40 to 85
°C
2.6
Frequency slope
Minimum of 1 frequency reading every 2°C, over the operating
temperature range
1 max
ppm/°C
2.7
Static temperature
hysteresis
Frequency change after reciprocal temperature ramped over the
operating range. Frequency measured before and after at 25°C
0.6 max
ppm
2.8
Supply voltage
stability
Supply voltage varied ±5% at 25°C
±0.2 max
ppm
2.9
Load sensitivity
±10% load change
±0.2 max
ppm
2.10
Long term stability
Frequency drift over 1 year at 25°C
±1 max
ppm
-----
3.0
POWER SUPPLY
Line
Parameter
Test Condition
Value
Unit
3.1
Supply voltage
Nominal supply voltage range
1.8 to 3
V
3.2
Current
At maximum supply voltage (Note 2)
2 max
mA
Page 1


Similar Part No. - IT3200F

ManufacturerPart #DatasheetDescription
logo
TEMEX
IT3200C TEMEX-IT3200C Datasheet
599Kb / 7P
   SMD Temperature Compensated Crystal Oscillators
More results

Similar Description - IT3200F

ManufacturerPart #DatasheetDescription
logo
TEMEX
IT3200C TEMEX-IT3200C Datasheet
599Kb / 7P
   SMD Temperature Compensated Crystal Oscillators
IT2100H TEMEX-IT2100H Datasheet
594Kb / 7P
   SMD Temperature Compensated Crystal Oscillators
IT2100F TEMEX-IT2100F Datasheet
606Kb / 7P
   SMD Temperature Compensated Crystal Oscillators
IT2200K TEMEX-IT2200K Datasheet
622Kb / 7P
   SMD Temperature Compensated Crystal Oscillators
IT2100L TEMEX-IT2100L Datasheet
656Kb / 7P
   SMD Temperature Compensated Crystal Oscillators
logo
Fox Electronics
FOX729 FOX-FOX729 Datasheet
219Kb / 1P
   TCXO SMD TEMPERATURE COMPENSATED CRYSTAL OSCILLATORS
FOX759 FOX-FOX759 Datasheet
423Kb / 1P
   TCXO SMD TEMPERATURE COMPENSATED CRYSTAL OSCILLATORS
logo
Vectron International, ...
TC-210 VECTRON-TC-210 Datasheet
404Kb / 5P
   TEMPERATURE COMPENSATED CRYSTAL OSCILLATORS
6825 VECTRON-6825 Datasheet
457Kb / 4P
   Temperature Compensated Crystal Oscillators
logo
Kyocera Kinseki Corpota...
KT1612 KSS-KT1612 Datasheet
65Kb / 1P
   Temperature Compensated Crystal Oscillators
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com