Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CI-F04 Datasheet(PDF) 6 Page - TEMEX

Part # CI-F04
Description  CI F04 and CI F05 are digital pulse compressors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMEX [TEMEX]
Direct Link  http://www.temex.com
Logo TEMEX - TEMEX

CI-F04 Datasheet(HTML) 6 Page - TEMEX

  CI-F04 Datasheet HTML 1Page - TEMEX CI-F04 Datasheet HTML 2Page - TEMEX CI-F04 Datasheet HTML 3Page - TEMEX CI-F04 Datasheet HTML 4Page - TEMEX CI-F04 Datasheet HTML 5Page - TEMEX CI-F04 Datasheet HTML 6Page - TEMEX CI-F04 Datasheet HTML 7Page - TEMEX CI-F04 Datasheet HTML 8Page - TEMEX  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Digital pulse compression module
CI F04 / CI F05 Compressor
March 15
th, 2013
CI F04 / CI F05 Compressor Revision A3
6 / 8
www.rakon.com
4
CI F05 compressor operation Performances
Line
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Note: Values given bellow are typical values given as a rough guide. Depending on the required parameters
(B, T,…) other limitations may rise, e.g. side lobe levels highly depends on bandwidth (B) and time dispersion
(T), τ-3dB highly depends on bandwidth (B), …
The following parameter apply to each of the 2 channels (A and B)
4.1
Center frequency (F0)
100 –
B/2
MHz
4.2
Maximum bandwidth (B)
29
MHz
Maximum time dispersion (T)
4.3
B < 3 MHz
260
µs
4.4
B < 7 MHz
45
µs
4.5
B < 20 MHz
4
µs
4.6
Minimum compressed pulse width @ -3
dB (τ-3dB)
35
ns
4.7
Side lobe level (SLL)
35 to
45
dB
4.8
Minimal Compressor delay (TC)
Measured from the center of
the input chirp, to the center
of the compressed pulse
output
T/2 +
2.5
µs
4.9
Maximal additional Compressor delay
(TC)
Measured from the center of
the input chirp, to the center
of the compressed pulse
output
1
ms
4.10
CW Insertion loss @ F0
25
dB
4.11
Modulation slope
Up-chirp / Down-chirp
4.12
Modulation type
Linear / Non linear


Similar Part No. - CI-F04

ManufacturerPart #DatasheetDescription
logo
TEMEX
CI-F06 TEMEX-CI-F06 Datasheet
561Kb / 9P
   CI F06 unit includes a digital pulse expander
More results

Similar Description - CI-F04

ManufacturerPart #DatasheetDescription
logo
TEMEX
CI-F06 TEMEX-CI-F06 Datasheet
561Kb / 9P
   CI F06 unit includes a digital pulse expander
CI-E03 TEMEX-CI-E03 Datasheet
693Kb / 11P
   CI E03 is a digital dual pulse compression module
CIF06 TEMEX-CIF06 Datasheet
597Kb / 9P
   CI F06 Expander and Compressor
logo
Tyco Electronics
926980-2 MACOM-926980-2 Datasheet
42Kb / 1P
   CI 2 kontaktstift
logo
Assmann Electronics Inc...
AWLP-14-32-T ASSMANN-AWLP-14-32-T Datasheet
170Kb / 1P
   ASS 1197 CI
A-DIO-FS06-PURPLE ASSMANN-A-DIO-FS06-PURPLE Datasheet
921Kb / 1P
   ASS 1021 CI
logo
TEMEX
CIF07 TEMEX-CIF07 Datasheet
522Kb / 6P
   CI F07 Dual Expander
logo
PHOENIX CONTACT
1444047 PHOENIX-1444047 Datasheet
146Kb / 2P
   Accessories - SACC-SEAL-CI-M12FS-8X1,3
1552214 PHOENIX-1552214 Datasheet
136Kb / 4P
   SACC-CI-M12MSD-4CON-L180 THR
logo
ON Semiconductor
NXH35C120L2C2SG ONSEMI-NXH35C120L2C2SG Datasheet
277Kb / 9P
   TMPIM 35 A CIB/CI Module
February, 2020 ??Rev. P2
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com