Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

U222004 Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part No. U222004
Description  4-Port USB 2.0 Hi-Speed Ultra-Mini Hub
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TRIPPLITE [Tripp Lite. All Rights Reserved]
Homepage  http://www.tripplite.com/
Logo 

U222004 Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
4-Port USB 2.0 Hi-Speed Ultra-Mini Hub
MODEL NUMBER: U222-004
Description
Tripp Lite U222-004 is an inexpensive way to expand the number of available computer USB ports. It's compact design with built-in cable is perfect for travel,
fitting easily into a laptop bag pocket. Supports USB 2.0 data transfer rates up to 480 Mbps and is backward compatible with USB 1.1. Bus powered through
the computers USB port...no external power required, but includes a Micro B port for an additional connection to the computer in case more power is needed.
All four ports support USB Battery Charging ( BC ) specification v1.2, providing up to 1.5A for fast charging of mobile devices ( BC 1.2 charging requires
external power , not included )
Features
4-port USB 2.0 Compact Hub
Built-in cable, 6-in.
Micro-B port included for additional power from computer
Supports USB Battery Charging v1.2 with additional external power supply ( not included )
Specifications
OVERVIEW
Chromebook Compatible
Yes
Model Type
Hubs
Cable Types
USB
OUTPUT
Charging Ports / Amps
(4) 1.2A
USB Charging
Yes
Highlights
Compact design with built-in
Cable, perfect for travel
USB 2.0 480mbps data transfer
Bus powered through computer
connection
Applications
Expands a Computer USB port to
four
Package Includes
U222-004 4-port USB 2.0 Hub
1 / 2


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn