Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

B096016 Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part No. B096016
Description  16-Port Serial Console-Terminal Server
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

B096016 Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  B096016 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved B096016 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved B096016 Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
16-Port Serial Console/Terminal Server
MODEL NUMBER: B096-016
Description
Tripp Lite’s B096-016 is the most advanced console / terminal server platform available today. In a secure 1U
rackmountable appliance, it offers an in-band and out-of-band management solution for serial console ports,
servers, virtual servers, service processors, UPS & PDU's, environmental monitoring and more. This 16 port
serial console / terminal server enables system administrators to securely access and control their data centers
and networks from anywhere in the world. Supports 3G cellular out-of-band access. The USB port on the
console server is compatible with the Pantech ULM290 VZW and the following Sierra Wireless USB modems;
Compass 888, USB 598, USB 598U, USB 312U, USB 308, and U313. And this enterprise level unit is equipped
with a built in modem, dual Ethernet, dual AC power, 16GB Internal USB flash and runs on Linux for scalability
and reduced downtime.
The B096-016 offers advanced software features that surpass the requirements of even the most demanding
applications. These features include Network UPS Tools for UPS monitoring, PowerMan for integrated PDU and
RPC functions with in session hotkey support, Pattern match alerting, Open access to the Linux shell for
scripting, heartbeat monitoring with automatic failover, Cisco pinouts and much more. Available in 16 and 48 port
models, the B096 family of Console Servers are the perfect fit for in or out of band access to vital IT assets.
Made in the USA. Compliant with the Federal Trade Agreements Act (TAA) for GSA Schedule purchases.
Features
Built in modem for out-of-band dial-in access
Configured to use standard Cat5e/6 patch cable when connecting to Cisco devices
Tripp Lite's console servers all use an embedded FIPS 140-2 OpenSSL cryptographic module that has been validated to meet the FIPS 140-2 standards
and has received Certificate #1051.
When using SSH, HTTPS or SDT Connector to connect to any service on the console server while running in FIPS mode, they will be utilizing the
embedded FIPS compliant module. In order to connect using any of the protocols, you must use a cryptographic algorithm that is FIPS approved or it will
fail.
Supports 3G cellular out-of-band access. The USB port on the console server is compatible with the Pantech ULM290 VZW and the following Sierra
Highlights
Dual Ethernet, Dual Power
Supply, and Built-in Modem
Secure In-band and Out-of-band
access for a Host of Equipment
Supports 3G cellular out-of-band
access
Features 16GB Internal USB
Flash
1U rackmountable
Configured to use standard
Cat5e/6 patch cable when
connecting to Cisco devices
Validated to meet FIPS 140-2
standards
Manage all equipment in the
rack: Servers, UPS, Routers,
Switches, Firewalls, etc
Compliant with the Federal Trade
Agreements Act (TAA) for GSA
Schedule purchases
Made in the USA
Package Includes
B096-016, 16-Port Serial
Console / Terminal Server
Rackmount hardware
2 x 6ft, Cat5e Patch cables
1 x DB9F - RJ45 Crossover
Adapter
1 x DB9F - RJ45
Straight-Through Adapter
2 x 6ft, 5-15P to C13 Power cable
CD with Manual
Quick Start Guides
1 / 3


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn