Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

B096016 Datasheet(PDF) 3 Page - Tripp Lite. All Rights Reserved

Part No. B096016
Description  16-Port Serial Console-Terminal Server
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

B096016 Datasheet(HTML) 3 Page - Tripp Lite. All Rights Reserved

  B096016 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved B096016 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved B096016 Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Input Connection Type
2 x IEC-320-C14, Auto-Switching 100-240VAC
PHYSICAL
Unit Dimensions (hwd / in.)
1.75 x 17.40 x 12.50
Unit Weight (lbs.)
8.2
Color
Black
ENVIRONMENTAL
Storage Temperature Range
Non operating storage temperature: -30C to +60C (-20F to +140F)
Relative Humidity
Humidity: 5% to 90%
Operating Temperature
Ambient operating temperature: 5C to 50C (41F to 122F)
BTUs
120V: 52 BTU per hour
Power Consumption (Watts)
120V: 15 Watts
CONNECTIONS
Ports
16
Other Ports - Port 1
1 x DB-9 RS-232 local console and modem serial port (2400 to 115,200 bps)
Other Ports - Port 2
1 RJ-11 modem port
Other Ports - Port 3
2 x RJ-45 10/100Base-T Ethernet port
Other Ports - Port 4
1 USB port
Other Ports - Port 5
2 x C14 Power Ports, 100-240V AC
CERTIFICATIONS
Approvals
FCC Part 15 A, UL 1950, CE (EN55022 A, EN55024, EN60950), TUV, C-Tick
WARRANTY
Product Warranty Period (Worldwide)
2-year limited warranty
© 2015 Tripp Lite. All rights reserved. All trademarks are the sole property of their respective owners. Tripp Lite has a policy of continuous improvement.
Specifications are subject to change without notice. Photos may differ slightly from final products.
3 / 3


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn