Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FYQ-5644BX-30 Datasheet(PDF) 3 Page - Ningbo Foryard Optoelectronics Co., Ltd.

Part # FYQ-5644BX-30
Description  0.56Inch (14.22mm) digit height Four Digits Display
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORYARD [Ningbo Foryard Optoelectronics Co., Ltd.]
Direct Link  http://www.foryard.com
Logo FORYARD - Ningbo Foryard Optoelectronics Co., Ltd.

FYQ-5644BX-30 Datasheet(HTML) 3 Page - Ningbo Foryard Optoelectronics Co., Ltd.

  FYQ-5644BX-30 Datasheet HTML 1Page - Ningbo Foryard Optoelectronics Co., Ltd. FYQ-5644BX-30 Datasheet HTML 2Page - Ningbo Foryard Optoelectronics Co., Ltd. FYQ-5644BX-30 Datasheet HTML 3Page - Ningbo Foryard Optoelectronics Co., Ltd. FYQ-5644BX-30 Datasheet HTML 4Page - Ningbo Foryard Optoelectronics Co., Ltd. FYQ-5644BX-30 Datasheet HTML 5Page - Ningbo Foryard Optoelectronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Model No.
Rev.
■ All Light On Segments Feature & Pin Position
■ Internal Circuit Diagrams
Page: 3/5
Model No.:
:FYQ-5644A/BX-XX
Http://www.foryard.com
A
FYQ-5644A/BX-XX


Similar Part No. - FYQ-5644BX-30

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYQ-5641CX-00 FORYARD-FYQ-5641CX-00 Datasheet
372Kb / 5P
   0.56Inch (14.20mm) digit height Four Digits Display
FYQ-5641CX-01 FORYARD-FYQ-5641CX-01 Datasheet
372Kb / 5P
   0.56Inch (14.20mm) digit height Four Digits Display
FYQ-5641CX-02 FORYARD-FYQ-5641CX-02 Datasheet
372Kb / 5P
   0.56Inch (14.20mm) digit height Four Digits Display
FYQ-5641CX-03 FORYARD-FYQ-5641CX-03 Datasheet
372Kb / 5P
   0.56Inch (14.20mm) digit height Four Digits Display
FYQ-5641CX-04 FORYARD-FYQ-5641CX-04 Datasheet
372Kb / 5P
   0.56Inch (14.20mm) digit height Four Digits Display
More results

Similar Description - FYQ-5644BX-30

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYQ-5641CX-00 FORYARD-FYQ-5641CX-00 Datasheet
372Kb / 5P
   0.56Inch (14.20mm) digit height Four Digits Display
FYQ-5642CX-00 FORYARD-FYQ-5642CX-00 Datasheet
382Kb / 5P
   0.56Inch (14.20mm) digit height Four Digits Display
FYQ-5643CX-00 FORYARD-FYQ-5643CX-00 Datasheet
384Kb / 5P
   0.56Inch (14.20mm) digit height Four Digits Display
logo
Kingbright Corporation
CA56-12YWA KINGBRIGHT-CA56-12YWA Datasheet
121Kb / 4P
   14.22mm (0.56INCH) FOUR DIGIT NUMERIC DISPLAY
CA56-21EWA KINGBRIGHT-CA56-21EWA Datasheet
133Kb / 4P
   14.22mm (0.56INCH) FOUR DIGIT NUMERIC DISPLAY
CC56-11EWA KINGBRIGHT-CC56-11EWA Datasheet
162Kb / 4P
   14.22mm(0.56INCH) FOUR DIGIT NUMERIC DISPLAY
CC56-11SYKWA KINGBRIGHT-CC56-11SYKWA Datasheet
361Kb / 6P
   14.22mm(0.56INCH) FOUR DIGIT NUMERIC DISPLAY
logo
Ningbo Foryard Optoelec...
FYQ-5643EX-00 FORYARD-FYQ-5643EX-00 Datasheet
374Kb / 5P
   0.56Inch (14.20mm) digit height Four Digits Display
logo
Kingbright Corporation
CC56-21GWA KINGBRIGHT-CC56-21GWA Datasheet
140Kb / 4P
   14.22mm (0.56INCH) FOUR DIGIT NUMERIC DISPLAY
CC56-12EWA KINGBRIGHT-CC56-12EWA Datasheet
134Kb / 4P
   14.22mm (0.56INCH) FOUR DIGIT NUMERIC DISPLAY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com