Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRFI460 Datasheet(PDF) 4 Page - International Rectifier

Part # IRFI460
Description  TRANSISTOR N-CHANNEL(Vdss=500V, Rds(on)=0.27ohm, Id=21A)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFI460 Datasheet(HTML) 4 Page - International Rectifier

  IRFI460 Datasheet HTML 1Page - International Rectifier IRFI460 Datasheet HTML 2Page - International Rectifier IRFI460 Datasheet HTML 3Page - International Rectifier IRFI460 Datasheet HTML 4Page - International Rectifier IRFI460 Datasheet HTML 5Page - International Rectifier IRFI460 Datasheet HTML 6Page - International Rectifier IRFI460 Datasheet HTML 7Page - International Rectifier IRFI460 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image


Similar Part No. - IRFI460

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFI460 IRF-IRFI460 Datasheet
215Kb / 8P
   Simple Drive Requirements
IRFI460 IRF-IRFI460_15 Datasheet
215Kb / 8P
   Simple Drive Requirements
More results

Similar Description - IRFI460

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF460 IRF-IRF460 Datasheet
140Kb / 7P
   TRANSISTORS N-CHANNEL(Vdss=500V, Rds(on)=0.27ohm, Id=21)
IRFP460 IRF-IRFP460 Datasheet
163Kb / 6P
   Power MOSFET(Vdss=500V, Rds(on)=0.27ohm, Id=20A)
IRFP460P IRF-IRFP460P Datasheet
174Kb / 8P
   Power MOSFET(Vdss=500V, Rds(on)=0.27ohm, Id=20A)
IRFP460LC IRF-IRFP460LC Datasheet
338Kb / 8P
   Power MOSFET(Vdss=500V, Rds(on)=0.27ohm, Id=20A)
IRFP460AS IRF-IRFP460AS Datasheet
115Kb / 8P
   Power MOSFET(Vdss=500V, Rds(on)max=0.27ohm, Id=20A)
IRFP460A IRF-IRFP460A Datasheet
95Kb / 8P
   Power MOSFET(Vdss=500V, Rds(on)max=0.27ohm, Id=20A)
IRF450 IRF-IRF450 Datasheet
144Kb / 7P
   TRANSISTORS N-CHANNEL(Vdss=500V, Rds(on)=0.400ohm, Id=12A)
IRF430 IRF-IRF430 Datasheet
146Kb / 7P
   TRANSISTORS N-CHANNEL(Vdss=500V, Rds(on)=1.5ohm, Id=4.5A)
IRF3315S IRF-IRF3315S Datasheet
197Kb / 10P
   Power MOSFET(Vdss=150V, Rds(on)=0.082ohm, Id=21A)
IRFD120 IRF-IRFD120 Datasheet
176Kb / 6P
   Power MOSFET(Vdss=100V, Rds(on)=0.27ohm, Id=1.3A)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com