Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FYQ-3942CX-01 Datasheet(PDF) 2 Page - Ningbo Foryard Optoelectronics Co., Ltd.

Part # FYQ-3942CX-01
Description  0.39Inch (10.00mm) digit height Four Digits Display
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORYARD [Ningbo Foryard Optoelectronics Co., Ltd.]
Direct Link  http://www.foryard.com
Logo FORYARD - Ningbo Foryard Optoelectronics Co., Ltd.

FYQ-3942CX-01 Datasheet(HTML) 2 Page - Ningbo Foryard Optoelectronics Co., Ltd.

  FYQ-3942CX-01 Datasheet HTML 1Page - Ningbo Foryard Optoelectronics Co., Ltd. FYQ-3942CX-01 Datasheet HTML 2Page - Ningbo Foryard Optoelectronics Co., Ltd. FYQ-3942CX-01 Datasheet HTML 3Page - Ningbo Foryard Optoelectronics Co., Ltd. FYQ-3942CX-01 Datasheet HTML 4Page - Ningbo Foryard Optoelectronics Co., Ltd. FYQ-3942CX-01 Datasheet HTML 5Page - Ningbo Foryard Optoelectronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Model No.
Rev.
■ -XX: REF Surface / Epoxy color
1
2
3
○ Black ○ Gray
○ Red
○ White ○ Red
○ Green
■ Mechanical Dimensions
Notes:
1. All pins are Φ0.51[.020]mm
2. Dimension in millimeter [inch], tolerance is ±0.25 [.010] and angle is ±1°unless otherwise noted.
3. Bending≤Length*1%.
4.The specifications,characteristics and technical data described in the datasheet are subject to change without prior notice.
Page: 2/5
Http://www.foryard.com
FYQ-3942C/DX-XX
A
Model No.:
:FYQ-3942C/DX-XX
Color
Number
0
○ Water Clear
○ Yellow
Epoxy Color
4
○ Green
REF Surface Color
○ White


Similar Part No. - FYQ-3942CX-01

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYQ-3942AX-00 FORYARD-FYQ-3942AX-00 Datasheet
389Kb / 5P
   0.39Inch (10.00mm) digit height Four Digits Display
FYQ-3942AX-01 FORYARD-FYQ-3942AX-01 Datasheet
389Kb / 5P
   0.39Inch (10.00mm) digit height Four Digits Display
FYQ-3942AX-02 FORYARD-FYQ-3942AX-02 Datasheet
389Kb / 5P
   0.39Inch (10.00mm) digit height Four Digits Display
FYQ-3942AX-03 FORYARD-FYQ-3942AX-03 Datasheet
389Kb / 5P
   0.39Inch (10.00mm) digit height Four Digits Display
FYQ-3942AX-04 FORYARD-FYQ-3942AX-04 Datasheet
389Kb / 5P
   0.39Inch (10.00mm) digit height Four Digits Display
More results

Similar Description - FYQ-3942CX-01

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYQ-3944AX-00 FORYARD-FYQ-3944AX-00 Datasheet
382Kb / 5P
   0.39Inch (10.00mm) digit height Four Digits Display
FYQ-3942AX-00 FORYARD-FYQ-3942AX-00 Datasheet
389Kb / 5P
   0.39Inch (10.00mm) digit height Four Digits Display
FYQ-3942EX-00 FORYARD-FYQ-3942EX-00 Datasheet
387Kb / 5P
   0.39Inch (10.00mm) digit height Four Digits Display
FYD-3921CX-00 FORYARD-FYD-3921CX-00 Datasheet
345Kb / 5P
   0.39Inch (10.00mm) digit height Double Digits Display
FYD-3921AX-00 FORYARD-FYD-3921AX-00 Datasheet
344Kb / 5P
   0.39Inch (10.00mm) digit height Double Digits Display
FYQ-3941IX-00 FORYARD-FYQ-3941IX-00 Datasheet
379Kb / 5P
   0.39Inch (9.90mm) digit height Four Digits Display
FYQ-3941KX-00 FORYARD-FYQ-3941KX-00 Datasheet
379Kb / 5P
   0.39Inch (9.90mm) digit height Four Digits Display
FYQ-3941GX-00 FORYARD-FYQ-3941GX-00 Datasheet
381Kb / 5P
   0.39Inch (9.90mm) digit height Four Digits Display
FYQ-3941EX-00 FORYARD-FYQ-3941EX-00 Datasheet
380Kb / 5P
   0.39Inch (9.90mm) digit height Four Digits Display
FYQ-3943AX-00 FORYARD-FYQ-3943AX-00 Datasheet
383Kb / 5P
   0.39Inch (9.90mm) digit height Four Digits Display
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com