Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRFI3205 Datasheet(PDF) 5 Page - International Rectifier

Part # IRFI3205
Description  Power MOSFET(Vdss=55V, Rds(on)=0.008ohm, Id=64A)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFI3205 Datasheet(HTML) 5 Page - International Rectifier

  IRFI3205 Datasheet HTML 1Page - International Rectifier IRFI3205 Datasheet HTML 2Page - International Rectifier IRFI3205 Datasheet HTML 3Page - International Rectifier IRFI3205 Datasheet HTML 4Page - International Rectifier IRFI3205 Datasheet HTML 5Page - International Rectifier IRFI3205 Datasheet HTML 6Page - International Rectifier IRFI3205 Datasheet HTML 7Page - International Rectifier IRFI3205 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
IRFI3205
Fig 9. Maximum Drain Current Vs.
Case Temperature
Fig 10a. Switching Time Test Circuit
VDS
90%
10%
VGS
td(on)
tr
td(off) tf
Fig 10b. Switching Time Waveforms
VDS
Pulse Width
≤ 1 µs
Duty Factor
≤ 0.1 %
RD
VGS
RG
D.U.T.
10V
+
-VDD
Fig 11. Maximum Effective Transient Thermal Impedance, Junction-to-Case
25
50
75
100
125
150
175
0
10
20
30
40
50
60
70
T , Case Temperature
( C)
°
C
0.01
0.1
1
10
0.00001
0.0001
0.001
0.01
0.1
1
10
Notes:
1. Duty factor D =
t / t
2. Peak T = P
x Z
+ T
1
2
J
DM
thJC
C
P
t
t
DM
1
2
t , Rectangular Pulse Duration (sec)
1
0.01
0.02
0.05
0.10
0.20
D = 0.50
SINGLE PULSE
(THERMAL RESPONSE)


Similar Part No. - IRFI3205

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IRFI3205 ISC-IRFI3205 Datasheet
260Kb / 2P
   Isc N-Channel MOSFET Transistor
logo
International Rectifier
IRFI3205PBF IRF-IRFI3205PBF Datasheet
276Kb / 9P
   HEXFET짰 Power MOSFET
IRFI3205PBF IRF-IRFI3205PBF Datasheet
282Kb / 8P
   ADVANCED PROCESS TECHNOLOGY
logo
Infineon Technologies A...
IRFI3205PBF INFINEON-IRFI3205PBF Datasheet
510Kb / 9P
   Advanced Process Technology
2017-04-27
logo
International Rectifier
IRFI3205PBF IRF-IRFI3205PBF_15 Datasheet
282Kb / 8P
   ADVANCED PROCESS TECHNOLOGY
More results

Similar Description - IRFI3205

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFP064N IRF-IRFP064N Datasheet
107Kb / 8P
   Power MOSFET(Vdss=55V, Rds(on)=0.008ohm, Id=110A??
IRFP048N IRF-IRFP048N Datasheet
117Kb / 8P
   Power MOSFET(Vdss=55V, Rds(on)=0.016ohm, Id=64A)
IRF5N3205 IRF-IRF5N3205 Datasheet
118Kb / 7P
   POWER MOSFET N-CHANNEL(Vdss=55V, Rds(on)=0.008ohm, Id=55A*)
IRL3103S IRF-IRL3103S Datasheet
125Kb / 10P
   Power MOSFET(Vdss=30V, Rds(on)=12mohm, Id=64A)
IRF7463 IRF-IRF7463 Datasheet
84Kb / 7P
   Power MOSFET(Vdss=30V, Rds(on)max=0.008ohm, Id=14A)
IRFZ24N IRF-IRFZ24N Datasheet
123Kb / 8P
   Power MOSFET (Vdss=55V, Rds(on)=0.07ohm, Id=17A)
IRFBA1405P IRF-IRFBA1405P Datasheet
238Kb / 9P
   Power MOSFET(Vdss=55V, Rds(on)=5.0mohm, Id=174A??
IRF3205S IRF-IRF3205S Datasheet
160Kb / 10P
   Power MOSFET(Vdss=55V, Rds(on)=8.0mohm, Id=110A??
IRFR2605 IRF-IRFR2605 Datasheet
345Kb / 8P
   Power MOSFET(Vdss=55V, Rds(on)=0.075ohm, Id=19A)
IRFP054N IRF-IRFP054N Datasheet
109Kb / 8P
   Power MOSFET(Vdss=55V, Rds(on)=0.012ohm, Id=81A??
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com