Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R5F2L38CCNFA Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # R5F2L38CCNFA
Description  RENESAS MCU
Download  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F2L38CCNFA Datasheet(HTML) 2 Page - Renesas Technology Corp

  R5F2L38CCNFA Datasheet HTML 1Page - Renesas Technology Corp R5F2L38CCNFA Datasheet HTML 2Page - Renesas Technology Corp R5F2L38CCNFA Datasheet HTML 3Page - Renesas Technology Corp R5F2L38CCNFA Datasheet HTML 4Page - Renesas Technology Corp R5F2L38CCNFA Datasheet HTML 5Page - Renesas Technology Corp R5F2L38CCNFA Datasheet HTML 6Page - Renesas Technology Corp R5F2L38CCNFA Datasheet HTML 7Page - Renesas Technology Corp R5F2L38CCNFA Datasheet HTML 8Page - Renesas Technology Corp R5F2L38CCNFA Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 75 page
background image
R8C/L35C Group, R8C/L36C Group, R8C/L38C Group, R8C/L3AC Group
1. Overview
R01DS0095EJ0101 Rev.1.01
Page 2 of 72
Apr 15, 2011
1.1.2
Differences between Groups
Table 1.1 lists the Differences between Groups, Table 1.2 lists the Programmable I/O Ports Provided for Each
Group, and Table 1.3 lists the LCD Display Function Pins Provided for Each Group. Figures 1.9 to 1.13 show
the Pin Assignment for Each Group, and Tables 1.7 to 1.10 list Product Information.
The explanations in the chapters which follow apply to the R8C/L3AC Group only. Note the differences shown
below.
Note:
1.
I/O ports are shared with I/O functions, such as interrupts or timers.
Refer to Tables 1.11 to 1.13, Pin Name Information by Pin Number, for details.
Table 1.1
Differences between Groups
Item
Function
R8C/L35C Group
R8C/L36C Group
R8C/L38C Group
R8C/L3AC Group
I/O Ports
Programmable I/O ports
41 pins
52 pins
68 pins
88 pins
High current drive ports
5 pins
8 pins
8 pins
16 pins
Interrupts
INT interrupt pins
5 pins
8 pins
8 pins
8 pins
Key input interrupt pins
4 pins
4 pins
8 pins
8 pins
Timer RA
Timer RA output pin
None
1 pin
1 pin
1 pin
Timer RB
Timer RB output pin
None
1 pin
1 pin
1 pin
Timer RD
Timer RD I/O pin
None
None
8 pins
8 pins
Timer RE
Timer RE output pin
None
1 pin
1 pin
1 pin
Timer RG
Timer RG I/O pin
None
None
None
2 pins
Timer RG output pin
None
None
None
2 pins
A/D Converter
Analog input pin
10 pins
10 pins
16 pins
20 pins
LCD Drive
Control Circuit
LCD power supply
3 pins
(VL1, VL2, VL4)
4 pins
(VL1 to VL4)
4 pins
(VL1 to VL4)
4 pins
(VL1 to VL4)
Common output pins
Max. 4 pins
Max. 8 pins
Max. 8 pins
Max. 8 pins
Segment output pins
Max. 24 pins
Max. 32 pins
Max. 48 pins
Max. 56 pins
Packages
52-pin LQFP
64-pin LQFP
80-pin LQFP
100-pin LQFP/
100-pin QFP


Similar Part No. - R5F2L38CCNFA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F2L38CCNFA RENESAS-R5F2L38CCNFA Datasheet
896Kb / 75P
   These groups have data flash (1 KB 횞 4 blocks) with the background operation (BGO)
More results

Similar Description - R5F2L38CCNFA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F21334TNFP RENESAS-R5F21334TNFP Datasheet
397Kb / 51P
   RENESAS MCU
R5F21386CNFP RENESAS-R5F21386CNFP Datasheet
537Kb / 57P
   RENESAS MCU
R5F2L357CNFP RENESAS-R5F2L357CNFP Datasheet
854Kb / 76P
   RENESAS MCU
32C8B RENESAS-32C8B Datasheet
1Mb / 69P
   RENESAS MCU
R8C33G RENESAS-R8C33G Datasheet
501Kb / 54P
   RENESAS MCU
R32C116A RENESAS-R32C116A Datasheet
819Kb / 102P
   RENESAS MCU
R5F64206JFB RENESAS-R5F64206JFB Datasheet
1Mb / 103P
   RENESAS MCU
R5F21321DNSP RENESAS-R5F21321DNSP Datasheet
514Kb / 46P
   RENESAS MCU
R5F21354DNFP RENESAS-R5F21354DNFP Datasheet
428Kb / 46P
   RENESAS MCU
R5F21346WJFP RENESAS-R5F21346WJFP Datasheet
623Kb / 70P
   RENESAS MCU
M16C5M RENESAS-M16C5M Datasheet
1,001Kb / 159P
   RENESAS MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com