Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R5F21348UDFP Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # R5F21348UDFP
Description  The R8C/34U Group, R8C/34K Group of single-chip MCUs incorporates the R8C CPU core,
Download  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F21348UDFP Datasheet(HTML) 4 Page - Renesas Technology Corp

  R5F21348UDFP Datasheet HTML 1Page - Renesas Technology Corp R5F21348UDFP Datasheet HTML 2Page - Renesas Technology Corp R5F21348UDFP Datasheet HTML 3Page - Renesas Technology Corp R5F21348UDFP Datasheet HTML 4Page - Renesas Technology Corp R5F21348UDFP Datasheet HTML 5Page - Renesas Technology Corp R5F21348UDFP Datasheet HTML 6Page - Renesas Technology Corp R5F21348UDFP Datasheet HTML 7Page - Renesas Technology Corp R5F21348UDFP Datasheet HTML 8Page - Renesas Technology Corp R5F21348UDFP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 95 page
background image
R8C/34U Group, R8C/34K Group
1. Overview
R01DS0113EJ0110 Rev.1.10
Page 4 of 91
Jun 15, 2011
Table 1.3
Specifications for R8C/34U Group, R8C/34K Group (2)
Item
Function
Specification
I2C bus
1 (shared with SSU)
LIN Module
Hardware LIN: 1 (timer RA, UART0)
USB
Functions
R8C/34U Group
• USB 2.0 specification compliant, Full speed (12 Mbps) supported
• USB function controller and USB transceiver incorporated
• 5 pipes provided with individual FIFO
Arbitrary EP numbers can be specified for PIPE4 to 7
• FIFO size (total 448 bytes:
DCP (EP0) = 64 bytes,
PIPE4 and PIPE5 = 128 bytes (64-byte double buffer),
PIPE6 and PIPE7 = 64 bytes
• Supported transfer:
DCP = Control transfer IN/OUT,
PIPE4 and PIPE5 = Bulk transfer IN/OUT,
PIPE6 and PIPE7 = Interrupt transfer IN/OUT
R8C/34K Group
• USB 2.0 specification compliant, Full speed (12 Mbps) supported
• USB Device Controller (UDC), transceiver for USB2.0 are incorporated, and
on-chip USB transceiver
• 5 pipes provided with individual FIFO
Arbitrary EP numbers can be specified for PIPE4 to 7
• USB OTG (On-The-Go) operation is possible
• FIFO size (total 448 bytes):
DCP (EP0) = 64 bytes,
PIPE4 and PIPE5 = 128 bytes (64-byte double buffer),
PIPE6 and PIPE7 = 64 bytes
• Supported transfer:
DCP = Control transfer IN/OUT,
PIPE4 and PIPE5 = Bulk transfer IN/OUT,
PIPE6 and PIPE7 = Interrupt transfer IN/OUT
• When the host controller is selected
Automatic scheduling for SOF and packet transmissions
Programmable intervals for interrupt transfers
A/D Converter
10-bit resolution
× 12 channels, includes sample and hold function, with sweep
mode
Comparator B
2 circuits
Flash Memory
• Programming and erasure voltage: VCC = 2.7 to 5.5 V
• Programming and erasure endurance: 10,000 times (data flash)
1,000 times (program ROM)
• Program security: ROM code protect, ID code check
• Debug functions: On-chip debug, on-board flash rewrite function
• Background operation (BGO) function (data flash)
Operating Frequency/Supply
Voltage
f(XIN) = 20 MHz (VCC = 2.7 to 5.5 V)(USB not used)
f(XIN) = 5 MHz (VCC = 1.8 to 5.5 V)(USB not used)
Current consumption
Typ. 7.0 mA (VCC = 5.0 V, f(XIN) = 20 MHz)
Typ. 3.5 mA (VCC = 3.0 V, f(XIN) = 10 MHz)
Typ. 4.0
µA (VCC = 3.0 V, wait mode)
Typ. 2.0
µA (VCC = 3.0 V, stop mode)
Operating Ambient Temperature
−20 to 85°C (N version)
−40 to 85°C (D version)
Package
48-pin LQFP
Package code: PLQP0048KB-A (previous code: 48P6Q-A)


Similar Part No. - R5F21348UDFP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F21348UDFP RENESAS-R5F21348UDFP Datasheet
570Kb / 61P
   The R8C/34U Group has data flash (1 KB 횞 4 blocks) with the background operation (BGO)
R5F21348UDFP RENESAS-R5F21348UDFP Datasheet
854Kb / 95P
   RENESAS MCU
More results

Similar Description - R5F21348UDFP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R8C35M RENESAS-R8C35M_15 Datasheet
548Kb / 57P
   The R8C/35M Group of single-chip MCUs incorporates the R8C CPU core
R5F2L357MNFP RENESAS-R5F2L357MNFP Datasheet
877Kb / 75P
   R8C/L35M Group, R8C/L36M Group, R8C/L38M Group, R8C/L3AM Group RENESAS MCU
R5F2M131BNFP RENESAS-R5F2M131BNFP Datasheet
755Kb / 51P
   The R8C/M13B Group of single-chip microcontrollers
R5F21344PJFP RENESAS-R5F21344PJFP Datasheet
542Kb / 56P
   R8C/34P Group, R8C/34R Group RENESAS MCU
R5F21336TNFPV2 RENESAS-R5F21336TNFPV2 Datasheet
445Kb / 50P
   R8C/33T Group
R5F21206JFPU1 RENESAS-R5F21206JFPU1 Datasheet
432Kb / 47P
   R8C/20 Group, R8C/21 Group RENESAS MCU
R5F21348KNFP RENESAS-R5F21348KNFP Datasheet
572Kb / 61P
   The R8C/34K Group has data flash (1 KB 횞 4 blocks) with the background operation
R5F21346UNFP RENESAS-R5F21346UNFP Datasheet
570Kb / 61P
   The R8C/34U Group has data flash (1 KB 횞 4 blocks) with the background operation (BGO)
R8C-24 RENESAS-R8C-24_1 Datasheet
5Mb / 525P
   16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
R8C-20 RENESAS-R8C-20_1 Datasheet
4Mb / 501P
   MCU R8C FAMILY / R8C/2x SERIES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com